Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1711 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP1711
Description  150 mA Ultra-Low Quiescent Current, Capacitorless LDO Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1711 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP1711 Datasheet HTML 9Page - Microchip Technology MCP1711 Datasheet HTML 10Page - Microchip Technology MCP1711 Datasheet HTML 11Page - Microchip Technology MCP1711 Datasheet HTML 12Page - Microchip Technology MCP1711 Datasheet HTML 13Page - Microchip Technology MCP1711 Datasheet HTML 14Page - Microchip Technology MCP1711 Datasheet HTML 15Page - Microchip Technology MCP1711 Datasheet HTML 16Page - Microchip Technology MCP1711 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
 2015-2016 Microchip Technology Inc.
DS20005415C-page 13
MCP1711
Note: Unless otherwise indicated, VIN = 3.5V for VR < 2.5V or VIN = VR + 1V for VR  2.5V, IOUT = 1 mA,
CIN =COUT =0µF, VSHDN = VIN, TA = +25°C.
FIGURE 2-43:
Dynamic Line Response.
FIGURE 2-44:
Dynamic Line Response.
FIGURE 2-45:
Dynamic Line Response.
FIGURE 2-46:
Dynamic Line Response.
FIGURE 2-47:
Dynamic Line Response.
FIGURE 2-48:
Dynamic Line Response.
3.5V
4.5V
tr = 5 µs
tf = 5 µs
VOUT (AC Coupled, 500 mV/Div)
VR = 1.2V
VIN = 3.5V to 4.5V
IOUT = 100 mA
Time = 80 µs/Div
VIN
VOUT
3.5V
4.5V
tr = 5 µs
tf = 5 µs
VOUT (AC Coupled, 500 mV/Div)
VR = 1.8V
VIN = 3.5V to 4.5V
IOUT = 10 mA
Time = 80 µs/Div
VIN
VOUT
3.5V
4.5V
tr = 5 µs
tf = 5 µs
VOUT (AC Coupled, 500 mV/Div)
VR = 1.8V
VIN = 3.5V to 4.5V
IOUT = 100 mA
Time = 80 µs/Div
VIN
VOUT
VR = 3.3V
VIN = 4.3V to 5.3V
IOUT = 10 mA
Time = 80 µs/Div
VOUT (AC Coupled, 500 mV/Div)
5.3V
tr = 5 µs
4.3V
tf = 5 µs
VIN
VOUT
VR = 3.3V
VIN = 4.3V to 5.3V
IOUT = 100 mA
Time = 80 µs/Div
VOUT (AC Coupled, 500 mV/Div)
5.3V
tr = 5 µs
4.3V
tf = 5 µs
VIN
VOUT
5.2V
6.0V
tr = 5 µs
tf = 5 µs
VOUT (AC Coupled, 500 mV/Div)
VR = 5.0V
VIN = 5.2V to 6.0V
IOUT = 10 mA
Time = 80 µs/Div
VIN
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com