Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2003BT-H/MF Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP2003BT-H/MF
Description  LIN Transceiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2003BT-H/MF Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP2003BT-H/MF Datasheet HTML 11Page - Microchip Technology MCP2003BT-H/MF Datasheet HTML 12Page - Microchip Technology MCP2003BT-H/MF Datasheet HTML 13Page - Microchip Technology MCP2003BT-H/MF Datasheet HTML 14Page - Microchip Technology MCP2003BT-H/MF Datasheet HTML 15Page - Microchip Technology MCP2003BT-H/MF Datasheet HTML 16Page - Microchip Technology MCP2003BT-H/MF Datasheet HTML 17Page - Microchip Technology MCP2003BT-H/MF Datasheet HTML 18Page - Microchip Technology MCP2003BT-H/MF Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
 2015-2016 Microchip Technology Inc.
DS20005463C-page 15
MCP2003B
2.6
Typical Performance Curves
Note: Unless otherwise indicated, VBB = 5.5V to 18.0V, Extended (E): TA = -40°C to +125°C and
High (H): TA = -40°C to +150°C.
FIGURE 2-1:
Typical IBBQ.
FIGURE 2-2:
Typical IBBPD.
FIGURE 2-3:
Typical IBBTO.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0
25
50
75
100
125
150
5.5
6
7
12
18
27
30
VBB (V)
-45
-10
25
130
150
0.0
2.5
5.0
7.5
10.0
12.5
15.0
5.5
6
7
12
18
27
30
VBB (V)
-45
-10
25
130
150
0
20
40
60
80
100
120
5.5
6
7
12
18
27
30
VBB (V)
-45
-10
25
130
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com