Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1700 Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP1700
Description  Low Quiescent Current LDO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1700 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP1700_13 Datasheet HTML 5Page - Microchip Technology MCP1700_13 Datasheet HTML 6Page - Microchip Technology MCP1700_13 Datasheet HTML 7Page - Microchip Technology MCP1700_13 Datasheet HTML 8Page - Microchip Technology MCP1700_13 Datasheet HTML 9Page - Microchip Technology MCP1700_13 Datasheet HTML 10Page - Microchip Technology MCP1700_13 Datasheet HTML 11Page - Microchip Technology MCP1700_13 Datasheet HTML 12Page - Microchip Technology MCP1700_13 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
 2005-2013 Microchip Technology Inc.
DS20001826C-page 9
MCP1700
Note: Unless otherwise indicated: VR =1.8V, COUT = 1 µF Ceramic (X7R), CIN = 1 µF Ceramic (X7R), IL =100 µA,
TA =+25°C, VIN =VR +1V.
FIGURE 2-25:
Start-up from VIN
(VR =1.8V).
FIGURE 2-26:
Start-up from VIN
(VR =2.8V).
FIGURE 2-27:
Load Regulation vs.
Junction Temperature (VR =1.8V).
FIGURE 2-28:
Load Regulation vs.
Junction Temperature (VR =2.8V).
FIGURE 2-29:
Load Regulation vs.
Junction Temperature (VR =5.0V).
FIGURE 2-30:
Line Regulation vs.
Temperature (VR = 1.2V, 1.8V, 2.8V).
VIN =0V to
2.8V
VR =1.8V
COUT = 1 µF Ceramic
RLOAD =25
VIN =0V to
3.8V
VR =2.8V
COUT = 1 µF Ceramic
RLOAD =25
02
-0.1
0.0
0.1
0.2
0.3
V
R = 1.8V
I
OUT = 0 to 200 mA
V
IN = 5.0V
V
IN = 3.5V
-0.4
-0.3
-0.2
-40 -25 -10
5
20
35
50
65
80
95 110 125
Junction Temperature (°C)
V
IN = 2.2V
-0.4
-0.3
-0.2
-0.1
0.0
V
R = 2.8V
I
OUT = 0 to 250 mA
V
IN = 5.0V
V
IN = 4.3V
V
IN = 3.3V
-0.7
-0.6
-0.5
-40 -25 -10
5
20
35
50
65
80
95 110 125
Junction Temperature (°C)
IN
010
-0.05
0.00
0.05
0.10
V
R = 5.0V
I
OUT = 0 to 250 mA
V
IN = 5.5V
V
IN = 6.0V
-0.20
-0.15
-0.10
-40
-25
-10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
IN
55
-0.15
-0.10
-0.05
0.00
0.05
0.10
V
R = 1.8V
V
R = 2.8V
-0.30
-0.25
-0.20
-40 -25 -10
5
20 35
50 65
80
95 110 125
Junction Temperature (°C)
V
R = 1.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com