Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2003AT-E/SN Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP2003AT-E/SN
Description  LIN J2602 Transceiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2003AT-E/SN Datasheet(HTML) 3 Page - Microchip Technology

  MCP2003AT-E/SN Datasheet HTML 1Page - Microchip Technology MCP2003AT-E/SN Datasheet HTML 2Page - Microchip Technology MCP2003AT-E/SN Datasheet HTML 3Page - Microchip Technology MCP2003AT-E/SN Datasheet HTML 4Page - Microchip Technology MCP2003AT-E/SN Datasheet HTML 5Page - Microchip Technology MCP2003AT-E/SN Datasheet HTML 6Page - Microchip Technology MCP2003AT-E/SN Datasheet HTML 7Page - Microchip Technology MCP2003AT-E/SN Datasheet HTML 8Page - Microchip Technology MCP2003AT-E/SN Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
 2010-2014 Microchip Technology Inc.
DS20002230F-page 3
MCP2003/4/3A/4A
1.0
DEVICE OVERVIEW
The MCP2003/4/3A/4A devices provide a physical
interface between a microcontroller and a LIN bus.
These devices will translate the CMOS/TTL logic levels
to LIN logic level, and vice versa. It is intended for
automotive and industrial applications with serial bus
speeds up to 20 kbaud.
LIN Bus Specification Revision 2.1 requires that the
transceiver of all nodes in the system is connected via
the LIN pin, referenced to ground and with a maximum
external termination resistance load of 510
 from LIN
bus to battery supply. The 510
 corresponds to
1 master and 15 slave nodes.
The VREN pin can be used to drive the logic input of an
external voltage regulator. This pin is high in all modes
except for Power-Down mode.
1.1
External Protection
1.1.1
REVERSE BATTERY PROTECTION
An external reverse-battery-blocking diode should be
used to provide polarity protection (see Example 1-1).
1.1.2
TRANSIENT VOLTAGE
PROTECTION (LOAD DUMP)
An external 43V transient suppressor (TVS) diode,
between VBB and ground, with a 50
 transient
protection resistor (RTP) in series with the battery
supply and the VBB pin serve to protect the device from
power transients (see Example 1-1) and ESD events.
While this protection is optional, it is considered good
engineering practice.
1.2
Internal Protection
1.2.1
ESD PROTECTION
For component-level ESD ratings, please refer to the
maximum operation specifications.
1.2.2
GROUND LOSS PROTECTION
The LIN Bus specification states that the LIN pin must
transition to the recessive state when ground is
disconnected. Therefore, a loss of ground effectively
forces the LIN line to a high-impedance level.
1.2.3
THERMAL PROTECTION
The thermal protection circuit monitors the die
temperature and is able to shut down the LIN
transmitter.
There are two causes for a thermal overload. A thermal
shutdown can be triggered by either, or both, of the
following thermal overload conditions.
• LIN bus output overload
• Increase in die temperature due to increase in
environment temperature
Driving the TXD and checking the RXD pin makes it
possible to determine whether there is a bus contention
(Rx = low, Tx = high) or a thermal overload condition
(Rx = high, Tx = low). After a thermal overload event,
the device will automatically recover once the die
temperature has fallen below the recovery temperature
threshold (see Figure 1-1).
FIGURE 1-1:
THERMAL SHUTDOWN
STATE DIAGRAM
Operation
Mode
Transmitter
Shutdown
LIN bus
Shorted
to VBB
Temp < ShutdownTEMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com