Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB254W Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # MB254W
Description  SINGLE-PHASE SILICON BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

MB254W Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  MB254W Datasheet HTML 1Page - SUNMATE electronic Co., LTD MB254W Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Maximum Average Forward
MB2510W
MB258W
MB256W
MB254W
MB251W
MB2505W
Maximum Repetitive Peak Reverse Voltage
Symbol
CURRENT: 25 A
VOLTAGE RANGE: 50 - 1000V
1 of 2
SINGLE-PHASE SILICON BRIDGE RECTIFIER
MB2505W-MB2510W
Dimensions in inches and (millimeters)
TYP
Features
Mechanical Data
Case: Metal, electrically isolated
Epoxy: UL 94V-0 rate flame retardant
Lead: MIL-STD-202E, Method 208 guaranteed
Polarity: As marked
Mounting position: Any
Weight: 30 grams
Maximum Ratings @ TA = 25°C unless otherwise specified
www.sunmate.tw
VRRM
50
100
200
400
600
800
1000
Volts
VRMS
35
70
140
280
420
560
700
Volts
VDC
50
100
200
400
600
800
1000
Volts
I(AV)
25
Amps
IFSM
300
Amps
I
2T
373
A
2S
VF
1.1
Volts
TA=25
10
µAmps
Maximum DC Reverse Current at
rated DC blocking voltage
TA=100
IR
1.0
mAmps
VISO
2500
VAC
RθJC
2.0
TJ
-55 to +150
TSTG
-55 to +150
NOTES:
1.
Unit mounted on 5”×6”×4.9 (12.8×15.2×12.4mm) Al. finned plate.
2.
Bolt down on heat-sink with silicone thermal compound between bridge and mounting surface for maximum heat transfer efficiency with #10 screw.
3.
Suffix “W designates Wire Lead
Characteristic
Unit
MB252W
D
D
D
D
D
D
D
D
D
Maximum RMS Voltage
MaximumDC BlockingVoltage
RectifiedOutput Current,at TC=55(Note1,2)
PeakForwardSurgeCurrent8.3mssingle half
sine-wavesuperimposedonrated load(JEDEC
Method)
RatingforFusing(t\<8.3ms)
Maximum Instantaneous Forward Voltage at 5.0A
IsolationVoltage fromcaseto lugs
Typical ThermalResistance(Note 1,2)
OperatingTemperature Range
Storage Temperature Range
/W
MB-25W
Metal case for Maximum Heat Dissipation
Surge overload ratings-400 Amperes
Low forward voltage drop


Similar Part No. - MB254W

ManufacturerPart #DatasheetDescription
logo
Bytes
MB254W BYTES-MB254W Datasheet
150Kb / 2P
SINGLE PHASE 25 AMP BRIDGE RECTIFIERS
logo
Dc Components
MB254W DCCOM-MB254W Datasheet
426Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Formosa MS
MB254W FORMOSA-MB254W Datasheet
34Kb / 2P
SINGLE PHASE 25 AMP BRIDGE RECTIFIERS
logo
TAITRON Components Inco...
MB254W TAITRON-MB254W Datasheet
143Kb / 4P
25A Single-Phase Bridge Rectifier
logo
UNIOHM CORPORATION
MB254W UNIOHM-MB254W Datasheet
65Kb / 2P
SINGLE PHASE 25 AMP BRIDGE RECTIFIERS
More results

Similar Description - MB254W

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BR605 RECTRON-BR605 Datasheet
22Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC35005 CHENYI-KBPC35005 Datasheet
182Kb / 2P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shenzhen Luguang Electr...
BR3505 LUGUANG-BR3505 Datasheet
291Kb / 2P
Single-phase Silicon Bridge Rectifier
logo
GeneSiC Semiconductor, ...
BR106 GENESIC-BR106_16 Datasheet
289Kb / 3P
Single Phase Silicon Bridge Rectifier
KBPC25005TW GENESIC-KBPC25005TW_16 Datasheet
338Kb / 3P
Single Phase Silicon Bridge Rectifier
KBU10005 GENESIC-KBU10005_16 Datasheet
297Kb / 3P
Single Phase Silicon Bridge Rectifier
BR86 GENESIC-BR86_18 Datasheet
409Kb / 3P
Single Phase Silicon Bridge Rectifier
KBPC1506T GENESIC-KBPC1506T Datasheet
597Kb / 3P
Single Phase Silicon Bridge Rectifier
KBPC15005T GENESIC-KBPC15005T Datasheet
597Kb / 3P
Single Phase Silicon Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com