Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5205-2 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CS5205-2
Description  5.0 A, 1.5 V Fixed Linear Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5205-2 Datasheet(HTML) 3 Page - ON Semiconductor

  CS5205-2 Datasheet HTML 1Page - ON Semiconductor CS5205-2 Datasheet HTML 2Page - ON Semiconductor CS5205-2 Datasheet HTML 3Page - ON Semiconductor CS5205-2 Datasheet HTML 4Page - ON Semiconductor CS5205-2 Datasheet HTML 5Page - ON Semiconductor CS5205-2 Datasheet HTML 6Page - ON Semiconductor CS5205-2 Datasheet HTML 7Page - ON Semiconductor CS5205-2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CS5205−2
http://onsemi.com
3
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 2. Dropout Voltage vs. Output
Current
Figure 3. Reference Voltage vs.
Temperature
Figure 4. Load Regulation vs.
Output Current
Figure 5. Minimum Load Current
Figure 6. Ripple Rejection vs. Frequency
(Fixed Versions)
TJ (°C)
0.10
10
0.08
0.06
0.04
0.02
0.00
−0.02
−0.04
−0.06
−0.08
−0.10
−0.12
0
20 30
40 50
60 70
80 90 100 110 120 130
VIN − VOUT (V)
2.500
1
2.175
1.850
1.525
1.200
0.875
0.550
2
345
67
8
9
TCASE = 125°C
TCASE = 25°C
TCASE = 0°C
Frequency (Hz)
101
100
90
80
70
60
50
40
30
20
10
0
102
103
104
105
TCASE = 25°C
IOUT = 5.0 A
(VIN − VOUT) = 3.0 V
VRIPPLE = 1.6 VPP
0
Output Current (A)
1.30
1.25
1.20
1.15
1.10
1.05
1.00
0.95
0.90
0.85
0.80
0.75
0.70
12
3
4
5
TCASE = 0°C
TCASE = 125°C
TCASE = 25°C
Output Current (A)
0.200
0
0.175
0.150
0.125
0.100
0.075
0.050
0.025
0.000
12
3
4
5
TCASE = 25°C
TCASE = 125°C
TCASE = 0°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com