Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1632-BAE/MS Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP1632-BAE/MS
Description  High-Speed, Low-Side PWM Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1632-BAE/MS Datasheet(HTML) 1 Page - Microchip Technology

  MCP1632-BAE/MS Datasheet HTML 1Page - Microchip Technology MCP1632-BAE/MS Datasheet HTML 2Page - Microchip Technology MCP1632-BAE/MS Datasheet HTML 3Page - Microchip Technology MCP1632-BAE/MS Datasheet HTML 4Page - Microchip Technology MCP1632-BAE/MS Datasheet HTML 5Page - Microchip Technology MCP1632-BAE/MS Datasheet HTML 6Page - Microchip Technology MCP1632-BAE/MS Datasheet HTML 7Page - Microchip Technology MCP1632-BAE/MS Datasheet HTML 8Page - Microchip Technology MCP1632-BAE/MS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
 2013 Microchip Technology Inc.
DS20005254A-page 1
MCP1632
Features:
• High-Speed PWM Controller with Integrated
Low-Side MOSFET Driver
• Multiple Switching Frequency Options (fSW):
-300 kHz
-600 kHz
• Adjustable Reference Voltage Generator
• Adjustable Soft Start
• Internal Slope Compensation
• Shutdown Input Pin (EN)
• Low Operating Current: < 5 mA (typical)
• Undervoltage Lockout (UVLO) Protection
• Output Short Circuit Protection
• Overtemperature Protection
• Operating Temperature Range:
- -40°C to +125°C
Applications:
• Switch Mode Power Supplies
• Brick DC-DC Converters
• Battery Charger Applications
•LED Drivers
Related Literature:
• “MCP1632 300 kHz Boost Converter Demo Board
User’s Guide”, Microchip Technology Inc.,
DS20005252A, 2013
Description:
The MCP1632 high-speed PWM controller is a
pulse-width modulator developed for stand-alone power
supply applications. The MCP1632 includes a
high-speed analog control loop, a logic-level MOSFET
driver, an internal oscillator, a reference voltage
generator, and internal slope compensation. This high
level of integration makes it an ideal solution for
standalone SMPS applications. MCP1632 is suitable for
use in topologies requiring a low-side MOSFET control,
such as Boost, Flyback, SEPIC, Ćuk, etc. Typical
applications include battery chargers, intelligent power
systems, brick DC-DC converters, LED drivers. Due to
its low power consumption, the MCP1632 PWM
controller
is recommended
for
battery-operated
applications.
The MCP1632 offers a Peak Current mode control in
order to achieve consistent performance regardless of
the topology of the power train or the operating
conditions. In addition, the MCP1632 can implement
the Voltage Mode Control for cost-sensitive solutions.
The MCP1632 PWM controller can be easily interfaced
with PIC microcontrollers in order to develop an
intelligent power solution.
Additional features include: UVLO, overtemperature
and overcurrent protection, shutdown capability (EN
pin) and an adjustable soft start option.
Package Type
1
2
3
4
8
7
6
5
COMP
FB
CS
EN
GND
VEXT
Vin
VREF
EP
9
8-Lead DFN
1
2
3
4
8
7
6
5
FB
CS
EN
COMP
VIN
VREF
VEXT
GND
8-Lead MSOP
(2 mm x 3 mm)
High-Speed, Low-Side PWM Controller


Similar Part No. - MCP1632-BAE/MS

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1632-BAE/MS MICROCHIP-MCP1632-BAE/MS Datasheet
831Kb / 34P
High-Speed, Low-Side PWM Controller
10/28/13
More results

Similar Description - MCP1632-BAE/MS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1823 TI-UC1823 Datasheet
409Kb / 7P
High Speed PWM Controller
UC1823A TI-UC1823A Datasheet
303Kb / 15P
High Speed PWM Controller
UC1825 TI-UC1825 Datasheet
914Kb / 17P
High Speed PWM Controller
UC3825B TI-UC3825B Datasheet
316Kb / 9P
High Speed PWM Controller
UC1823AJ883B TI-UC1823AJ883B Datasheet
456Kb / 9P
High Speed PWM Controller
UCC3829-1 TI1-UCC3829-1 Datasheet
196Kb / 11P
High Speed PWM Controller
UC3823N TI-UC3823N Datasheet
2Mb / 13P
HIGH SPEED PWM CONTROLLER
UC3824DW TI1-UC3824DW Datasheet
704Kb / 14P
HIGH SPEED PWM CONTROLLER
UC1825 TI1-UC1825_13 Datasheet
968Kb / 19P
High Speed PWM Controller
logo
Microchip Technology
MCP1632 MICROCHIP-MCP1632 Datasheet
831Kb / 34P
High-Speed, Low-Side PWM Controller
10/28/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com