Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1700T-2502E/TT Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP1700T-2502E/TT
Description  Low Quiescent Current LDO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1700T-2502E/TT Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP1700T-2502E/TT Datasheet HTML 9Page - Microchip Technology MCP1700T-2502E/TT Datasheet HTML 10Page - Microchip Technology MCP1700T-2502E/TT Datasheet HTML 11Page - Microchip Technology MCP1700T-2502E/TT Datasheet HTML 12Page - Microchip Technology MCP1700T-2502E/TT Datasheet HTML 13Page - Microchip Technology MCP1700T-2502E/TT Datasheet HTML 14Page - Microchip Technology MCP1700T-2502E/TT Datasheet HTML 15Page - Microchip Technology MCP1700T-2502E/TT Datasheet HTML 16Page - Microchip Technology MCP1700T-2502E/TT Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
 2005-2013 Microchip Technology Inc.
DS20001826C-page 13
MCP1700
6.0
APPLICATION CIRCUITS AND
ISSUES
6.1
Typical Application
The MCP1700 is most commonly used as a voltage
regulator. Its low quiescent current and low dropout
voltage make it ideal for many battery-powered
applications.
FIGURE 6-1:
Typical Application Circuit.
6.1.1
APPLICATION INPUT CONDITIONS
6.2
Power Calculations
6.2.1
POWER DISSIPATION
The internal power dissipation of the MCP1700 is a
function of input voltage, output voltage and output
current. The power dissipation resulting from the
quiescent current draw is so low it is insignificant
(1.6 µA x VIN). The following equation can be used to
calculate the internal power dissipation of the LDO.
EQUATION 6-1:
The
maximum
continuous
operating
junction
temperature specified for the MCP1700 is +125°C. To
estimate the internal junction temperature of the
MCP1700, the total internal power dissipation is
multiplied by the thermal resistance from junction to
ambient (R
JA). The thermal resistance from junction to
ambient for the SOT-23 pin package is estimated at
230°C/W.
EQUATION 6-2:
The maximum power dissipation capability for a
package can be calculated given the junction-to-
ambient thermal resistance and the maximum ambient
temperature for the application. The following equation
can be used to determine the maximum internal power
dissipation of the package.
EQUATION 6-3:
EQUATION 6-4:
Package Type = SOT-23
Input Voltage Range = 2.3V to 3.2V
VIN maximum = 3.2V
VOUT typical = 1.8V
IOUT = 150 mA maximum
GND
VOUT
VIN
CIN
1µF Ceramic
COUT
1µF Ceramic
VOUT
VIN
(2.3V to 3.2V)
1.8V
IOUT
150 mA
MCP1700
P
LDO
V
IN MAX

V
OUT MIN

–
 I
OUT MAX

=
PLDO = Internal power dissipation of the
LDO Pass device
VIN(MAX) = Maximum input voltage
VOUT(MIN) = Minimum output voltage of the
LDO
T
JMAX

P
TOTAL
R
JA
T
AMAX

+
=
TJ(MAX) =
Maximum continuous junction
temperature
PTOTAL =
Total power dissipation of the device
R
JA =
Thermal resistance from junction to
ambient
TA(MAX) =
Maximum ambient temperature
P
DMAX

T
JMAX

T
AMAX

–

R
JA
---------------------------------------------------
=
PD(MAX) =
Maximum power dissipation of the
device
TJ(MAX) =
Maximum continuous junction
temperature
TA(MAX) =
Maximum ambient temperature
R
JA =
Thermal resistance from junction to
ambient
T
JRISE

P
DMAX

R
JA
=
TJ(RISE) = Rise in the device’s junction
temperature over the ambient
temperature
PTOTAL = Maximum power dissipation of the
device
R
JA =
Thermal resistance from junction to
ambient



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com