Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1501 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP1501
Description  High-Precision Buffered Voltage Reference
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1501 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP1501 Datasheet HTML 9Page - Microchip Technology MCP1501 Datasheet HTML 10Page - Microchip Technology MCP1501 Datasheet HTML 11Page - Microchip Technology MCP1501 Datasheet HTML 12Page - Microchip Technology MCP1501 Datasheet HTML 13Page - Microchip Technology MCP1501 Datasheet HTML 14Page - Microchip Technology MCP1501 Datasheet HTML 15Page - Microchip Technology MCP1501 Datasheet HTML 16Page - Microchip Technology MCP1501 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
 2015-2016 Microchip Technology Inc.
DS20005474C-page 13
MCP1501
FIGURE 2-25:
Load Transient, VDD = 5.5,
VIN = 2.5, 2.048V Option.
FIGURE 2-26:
RISO vs. CLOAD, 4.096V
Option Unloaded.
FIGURE 2-27:
RISO vs. CLOAD, 4.096V
Option Loaded.
I
OUT
10 mA/div
V
OUT
500 mV/div
200 µs/div
1.E-12
10.E-12
100.E-12
1.E-9
10.E-9
100.E-9
1.E-6
10.E-6
100.E-6
1.E-3
045
90
135
Phase Margin (
°)
R
= 1
Ω
R
= 10
Ω
R
= 100
Ω
R
= 1k
Ω
1.E-12
10.E-12
100.E-12
1.E-9
10.E-9
100.E-9
1.E-6
10.E-6
100.E-6
1.E-3
0
45
90
135
Phase Margin (
°)
RISO = 1Ω
RISO = 10Ω
RISO = 100Ω
RISO = 1kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com