Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5212D Datasheet(PDF) 6 Page - ON Semiconductor

Part # CS5212D
Description  Low Voltage Synchronous Buck Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5212D Datasheet(HTML) 6 Page - ON Semiconductor

Back Button CS5212D Datasheet HTML 2Page - ON Semiconductor CS5212D Datasheet HTML 3Page - ON Semiconductor CS5212D Datasheet HTML 4Page - ON Semiconductor CS5212D Datasheet HTML 5Page - ON Semiconductor CS5212D Datasheet HTML 6Page - ON Semiconductor CS5212D Datasheet HTML 7Page - ON Semiconductor CS5212D Datasheet HTML 8Page - ON Semiconductor CS5212D Datasheet HTML 9Page - ON Semiconductor CS5212D Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
CS5212
http://onsemi.com
6
THEORY OF OPERATION
The
CS5212
is
a
synchronous,
programmable
fixed–frequency, low–voltage buck controller using the V2
control method. It also provides overcurrent protection,
undervoltage lockout, soft start and built–in adaptive
non–overlap.
V2 Control Method
The V2 method of control uses a ramp signal generated by
the ESR of the output capacitors. This ramp is proportional
to the AC current through the main inductor and is offset by
the value of the DC output voltage. This control scheme
inherently compensates for variations in either line or load
conditions, since the ramp signal is generated from the
output voltage itself. This control scheme differs from
traditional techniques such as voltage mode, which
generates an artificial ramp, and current mode, which
generates a ramp from inductor current.
Ramp Signal
Error Signal
Error Amplifier
COMP
GATE(L)
GATE(H)
Output
Voltage
Feedback
PWM Comparator
Figure 3. V2 Control Block Diagram
Reference
Voltage
As illustrated in Figure 3, the output voltage is used to
generate both the error signal and the ramp signal. Since the
ramp signal is simply the output voltage, it is affected by any
change in the output regardless of the origin of the change.
The ramp signal also contains the DC portion of the output
voltage, which allows the control circuit to drive the main
switch to 0% or 100% duty cycle as required.
A change in line voltage changes the current ramp in the
inductor, affecting the ramp signal, which causes the V2
control scheme to compensate the duty cycle. Since the
change in the inductor current modifies the ramp signal, as
in current mode control, the V2 control scheme has the same
advantages in line transient response.
A change in load current will have an effect on the output
voltage, altering the ramp signal. A load step immediately
changes the state of the comparator output, which controls
the main switch. Load transient response is determined only
by the comparator response time and the transition speed of
the main switch. The reaction time to an output load step has
no relation to the crossover frequency of the error signal
loop, compared to traditional control methods.
The error signal loop can have a low crossover frequency,
since transient response is handled by the ramp signal loop.
The main purpose of this “slow” feedback loop is to provide
DC accuracy. Noise immunity is significantly improved,
because the error amplifier bandwidth can be rolled off at a
low frequency. Enhanced noise immunity improves remote
sensing of the output voltage, since the noise associated with
long feedback traces can be effectively filtered.
Line and load regulations are drastically improved
because there are two independent voltage loops. A voltage
mode controller relies on a change in the error signal to
compensate for a deviation in either line or load voltage.
This change in the error signal causes the output voltage to
change corresponding to the gain of the error amplifier,
which is normally specified as line and load regulation. A
current mode controller maintains fixed error signal under
deviation in the line voltage, since the slope of the ramp
signal changes, but still relies on a change in the error signal
for a deviation in load. The V2 method of control maintains
a fixed error signal for both line and load variations, since
both line and load affect the ramp signal.
Constant Frequency Operation
The CS5212 uses a constant frequency, trailing edge
modulation architecture for generating PWM signal. During
normal operation, the oscillator generates a narrow pulse at
the beginning of each switching cycle to turn on the main
switch. The main switch will be turned off when the ramp
signal intersects with the output of the error amplifier
(COMP pin voltage). Therefore, the switch duty cycle can
be modified to regulate the output voltage to the desired
value as line and load conditions change.
The major advantage of constant frequency operation is
that the component selections, especially the magnetic
component design, become very easy. The oscillator
frequency of CS5212 is programmable from 150 kHz to
750 kHz using an external resistor connected from the ROSC
pin to ground.
Startup
If there are no fault conditions and the fault latch is reset,
the error amplifier will start charging the COMP pin
capacitor after the CS5212 is powered up. The output of the
error amplifier (COMP voltage) will ramp up linearly. The
COMP capacitance and the source current of the error
amplifier determine the slew rate of COMP voltage. The
output of the error amplifier is connected internally to the
inverting input of the PWM comparator and it is compared
with the VFFB pin voltage plus 0.5 V offset at the
non–inverting input of the PWM comparator. Since VFFB
voltage is zero before the startup, the PWM comparator
output will stay high until the COMP pin voltage hits 0.5 V.
There is no switching action while the PWM comparator
output is high.
After the COMP voltage exceeds the 0.5 V offset, the
output of PWM comparator toggles and releases the PWM
latch. The narrow pulse generated by the oscillator at the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com