Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1703AT-1802E/MB Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP1703AT-1802E/MB
Description  250 mA, 16V, Low Quiescent Current LDO Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1703AT-1802E/MB Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP1703AT-1802E/MB Datasheet HTML 13Page - Microchip Technology MCP1703AT-1802E/MB Datasheet HTML 14Page - Microchip Technology MCP1703AT-1802E/MB Datasheet HTML 15Page - Microchip Technology MCP1703AT-1802E/MB Datasheet HTML 16Page - Microchip Technology MCP1703AT-1802E/MB Datasheet HTML 17Page - Microchip Technology MCP1703AT-1802E/MB Datasheet HTML 18Page - Microchip Technology MCP1703AT-1802E/MB Datasheet HTML 19Page - Microchip Technology MCP1703AT-1802E/MB Datasheet HTML 20Page - Microchip Technology MCP1703AT-1802E/MB Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
 2012-2013 Microchip Technology Inc.
DS20005122B-page 17
MCP1703A
7.0
PACKAGING INFORMATION
7.1
Package Marking Information
3-Lead SOT-23A
Example:
3-Lead SOT-89
Example:
JG25
Standard Options for SOT-23A
Symbol
Voltage*
Symbol
Voltage*
JGNN
1.2
JJNN
3.0
JMNN
1.5
JKNN
3.3
JFNN
1.8
JPNN
4.0
JHNN
2.5
JLNN
5.0
JNNN
2.8
—
—
* Custom output voltages available upon request. Contact your
local Microchip sales office for more information.
Standard Options for SOT-89
Symbol
Voltage*
Symbol
Voltage*
PA
1.2
PC
3.0
PF
1.5
PD
3.3
MZ
1.8
PH
4.0
PB
2.5
PE
5.0
PG
2.8
—
—
* Custom output voltages available upon request. Contact your
local Microchip sales office for more information.
PA1211
256
3-Lead SOT-223
Example:
Standard Options for SOT-223
Symbol
Voltage*
Symbol
Voltage*
12
1.2
30
3.0
15
1.5
33
3.3
18
1.8
40
4.0
25
2.5
50
5.0
28
2.8
—
—
Custom
33
3.3
—
—
* Custom output voltages available upon request. Contact your
local Microchip sales office for more information.
1703A
12E1211
256
ALQ
211
25
8-Lead DFN (2 x 3)
Example:
Standard Options for 8-Lead DFN (2 x 3)
Symbol
Voltage*
Symbol
Voltage*
ALQ
1.2
ALV
3.0
ALR
1.5
ALW
3.3
ALS
1.8
ALX
4.0
ALT
2.5
ALY
5.0
ALU
2.8
—
—
* Custom output voltages available upon request. Contact your local
Microchip sales office for more information.
Legend:
XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note
:
In the event the full Microchip part number cannot be marked on one line, it will be carried over
to the next line, thus limiting the number of available characters for customer-specific
information.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com