Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5212ED14 Datasheet(PDF) 13 Page - ON Semiconductor

Part # CS5212ED14
Description  Low Voltage Synchronous Buck Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5212ED14 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button CS5212ED14 Datasheet HTML 8Page - ON Semiconductor CS5212ED14 Datasheet HTML 9Page - ON Semiconductor CS5212ED14 Datasheet HTML 10Page - ON Semiconductor CS5212ED14 Datasheet HTML 11Page - ON Semiconductor CS5212ED14 Datasheet HTML 12Page - ON Semiconductor CS5212ED14 Datasheet HTML 13Page - ON Semiconductor CS5212ED14 Datasheet HTML 14Page - ON Semiconductor CS5212ED14 Datasheet HTML 15Page - ON Semiconductor CS5212ED14 Datasheet HTML 16Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
CS5212
http://onsemi.com
13
ORDERING INFORMATION
Device
Operating Temperature Range
Package
Shipping
CS5212ED14
40
°C<T <85°C
SO–14
55 Units/Rail
CS5212EDR14
–40
°C < TA < 85°C
SO–14
2500 Tape & Reel
CS5212GD14
0
°C<T <70°C
SO–14
55 Units/Rail
CS5212GDR14
0
°C < TA < 70°C
SO–14
2500 Tape & Reel
PACKAGE DIMENSIONS
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSIONS A AND B DO NOT INCLUDE
MOLD PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006)
PER SIDE.
5. DIMENSION D DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.127 (0.005) TOTAL
IN EXCESS OF THE D DIMENSION AT
MAXIMUM MATERIAL CONDITION.
–A–
–B–
G
P 7 PL
14
8
7
1
M
0.25 (0.010)
B M
S
B
M
0.25 (0.010)
A S
T
–T–
F
R X 45
SEATING
PLANE
D 14 PL
K
C
J
M
_
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
8.55
8.75
0.337
0.344
B
3.80
4.00
0.150
0.157
C
1.35
1.75
0.054
0.068
D
0.35
0.49
0.014
0.019
F
0.40
1.25
0.016
0.049
G
1.27 BSC
0.050 BSC
J
0.19
0.25
0.008
0.009
K
0.10
0.25
0.004
0.009
M
0
7
0
7
P
5.80
6.20
0.228
0.244
R
0.25
0.50
0.010
0.019
__
_
_
SO–14
D SUFFIX
CASE 751A–03
ISSUE F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com