Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1703AT-1502E/MB Datasheet(PDF) 29 Page - Microchip Technology

Part # MCP1703AT-1502E/MB
Description  250 mA, 16V, Low Quiescent Current LDO Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1703AT-1502E/MB Datasheet(HTML) 29 Page - Microchip Technology

Back Button MCP1703AT-1502E/MB Datasheet HTML 23Page - Microchip Technology MCP1703AT-1502E/MB Datasheet HTML 24Page - Microchip Technology MCP1703AT-1502E/MB Datasheet HTML 25Page - Microchip Technology MCP1703AT-1502E/MB Datasheet HTML 26Page - Microchip Technology MCP1703AT-1502E/MB Datasheet HTML 27Page - Microchip Technology MCP1703AT-1502E/MB Datasheet HTML 28Page - Microchip Technology MCP1703AT-1502E/MB Datasheet HTML 29Page - Microchip Technology MCP1703AT-1502E/MB Datasheet HTML 30Page - Microchip Technology MCP1703AT-1502E/MB Datasheet HTML 31Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
 2012-2013 Microchip Technology Inc.
DS20005122B-page 28
MCP1703A
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP1703A: 250 mA, 16V Low Quiescent Current LDO
Tape and Reel:
T
= Tape and Reel
Output Voltage*:
12
= 1.2V “Standard”
15
= 1.5V “Standard”
18
= 1.8V “Standard”
25
= 2.5V “Standard”
28
= 2.8V “Standard”
30
= 3.0V “Standard”
33
= 3.3V “Standard”
40
= 4.0V “Standard”
50
= 5.0V “Standard”
*Contact factory for other output voltage options.
Extra Feature Code:
0
= Fixed
Tolerance:
1
= 1.0% (Custom)
2
= 2.0% (Standard)
Temperature:
E= -40
°C to +125°C (Extended)
Package Type:
CB = Plastic Small Outline Transistor (SOT-23A), 3-lead
DB = Plastic Small Outline Transistor (SOT-223), 3-lead
MB = Plastic Small Outline Transistor (SOT-89), 3-lead
MC = Plastic Dual Flat, No Lead Package (DFN) -
2x3x0.9mm, 8-lead.
PART NO.
X
XX
Output Feature
Code
Device
Voltage
X
Tolerance
X/
Temp.
XX
Package
X-
Tape
and Reel
Examples:
a) MCP1703AT-1202E/XX: Tape and Reel,
1.2V Low Quiescent LDO,
Extended Temperature
b) MCP1703AT-1502E/XX: Tape and Reel,
1.5V Low Quiescent LDO,
Extended Temperature
c) MCP1703AT-1802E/XX: Tape and Reel,
1.8V Low Quiescent LDO,
Extended Temperature
d) MCP1703AT-2502E/XX: Tape and Reel,
2.5V Low Quiescent LDO,
Extended Temperature
e) MCP1703AT-2802E/XX: Tape and Reel,
2.8V Low Quiescent LDO,
Extended Temperature
f)
MCP1703AT-3002E/XX: Tape and Reel,
3.0V Low Quiescent LDO,
Extended Temperature
g) MCP1703AT-3302E/XX: Tape and Reel,
3.3V Low Quiescent LDO,
Extended Temperature
h) MCP1703AT-4002E/XX: Tape and Reel,
4.0V Low Quiescent LDO,
Extended Temperature
i)
MCP1703AT-5002E/XX: Tape and Reel,
5.0V Low Quiescent LDO,
Extended Temperature
XX =
CB for 3LD SOT-23A package
=
DB for 3LD SOT-223 package
=
MB for 3LD SOT-89 package
=
MC for 8LD DFN package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com