Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1501-18E/SN Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP1501-18E/SN
Description  High-Precision Buffered Voltage Reference
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1501-18E/SN Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP1501-18E/SN Datasheet HTML 5Page - Microchip Technology MCP1501-18E/SN Datasheet HTML 6Page - Microchip Technology MCP1501-18E/SN Datasheet HTML 7Page - Microchip Technology MCP1501-18E/SN Datasheet HTML 8Page - Microchip Technology MCP1501-18E/SN Datasheet HTML 9Page - Microchip Technology MCP1501-18E/SN Datasheet HTML 10Page - Microchip Technology MCP1501-18E/SN Datasheet HTML 11Page - Microchip Technology MCP1501-18E/SN Datasheet HTML 12Page - Microchip Technology MCP1501-18E/SN Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
 2015-2016 Microchip Technology Inc.
DS20005474C-page 9
MCP1501
2.0
TYPICAL OPERATING CURVES
Note: Unless otherwise specified, maximum values
are: VDD(MIN) VDD  5.5V at -40C  TA  +125C.
FIGURE 2-1:
VOUT vs. Temperature, No
Load, 4.096V Option.
FIGURE 2-2:
VOUT vs. Temperature, No
Load, 2.048V Option.
FIGURE 2-3:
VOUT vs. Temperature, No
Load, 1.024V Option.
FIGURE 2-4:
Load Regulation vs.
Temperature, ILOAD 5mA Sink.
FIGURE 2-5:
Load Regulation vs.
Temperature, ILOAD 5mA Source.
FIGURE 2-6:
IDD vs. Temperature, All
Options.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
4.092
4.093
4.094
4.095
4.096
4.097
4.098
-40
5
25
85
125
Temperature (
°C)
2.046
2.0465
2.047
2.0475
2.048
2.0485
-40
5
25
85
125
Temperature (
°C)
1.023
1.0232
1.0234
1.0236
1.0238
1.024
1.0242
1.0244
-40
5
25
85
125
Temperature (
°C)
0
5
10
15
20
25
30
35
40
-40
25
125
Temperature (
°C)
1.024V
1.25V
1.8V
2.048V
2.5V
3V
3.3V
4.096V
0
5
10
15
20
25
30
35
40
-40
25
125
Temperature (
°C)
1.024V
1.25V
1.8V
2.048V
2.5V
3V
3.3V
4.096V
150
175
200
225
250
275
300
-40
5
25
85
125
Temperature (
°C)
V
= 4.096V
V
= 2.048V
V
= 1.024V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com