Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1402T-E/OT Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP1402T-E/OT
Description  Tiny 500 mA, High-Speed Power MOSFET Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1402T-E/OT Datasheet(HTML) 4 Page - Microchip Technology

  MCP1402T-E/OT Datasheet HTML 1Page - Microchip Technology MCP1402T-E/OT Datasheet HTML 2Page - Microchip Technology MCP1402T-E/OT Datasheet HTML 3Page - Microchip Technology MCP1402T-E/OT Datasheet HTML 4Page - Microchip Technology MCP1402T-E/OT Datasheet HTML 5Page - Microchip Technology MCP1402T-E/OT Datasheet HTML 6Page - Microchip Technology MCP1402T-E/OT Datasheet HTML 7Page - Microchip Technology MCP1402T-E/OT Datasheet HTML 8Page - Microchip Technology MCP1402T-E/OT Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
MCP1401/02
DS20002052D-page 4
 2007-2014 Microchip Technology Inc.
DC CHARACTERISTICS (OVER OPERATING TEMPERATURE RANGE)
Electrical Specifications: Unless otherwise indicated, operating temperature range with 4.5V
 V
DD  18V.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Input
Logic ‘1’, High Input Voltage
VIH
2.4
—
—
V
Logic ‘0’, Low Input Voltage
VIL
——
0.8
V
Input Current
IIN
-10
—
+10
µA
0V
 V
IN  VDD
Input Voltage
VIN
-5
—
VDD +0.3
V
Output
High Output Voltage
VOH
VDD – 0.025
—
—
V
DC TEST
Low Output Voltage
VOL
—
—
0.025
V
DC TEST
Output Resistance, High
ROH
—16
18
IOUT =10mA, VDD =18V
Output Resistance, Low
ROL
—16
19
IOUT =10mA, VDD =18V
Switching Time (Note 1)
Rise Time
tR
—20
30
ns
Figure 4-1, Figure 4-2
CL = 470 pF
Fall Time
tF
—18
28
ns
Figure 4-1, Figure 4-2
CL = 470 pF
Delay Time
tD1
—40
51
ns
Figure 4-1, Figure 4-2
Delay Time
tD2
—40
51
ns
Figure 4-1, Figure 4-2
Power Supply
Supply Voltage
VDD
4.5
—
18.0
V
Power Supply Current
IS
—0.90
1.10
mA
VIN =3V
—
0.11
0.20
mA
VIN =0V
Note 1:
Switching times ensured by design.
2:
Tested during characterization, not production tested.
TEMPERATURE CHARACTERISTICS
Electrical Specifications: Unless otherwise noted, all parameters apply with 4.5V
 V
DD  18V.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Specified Temperature Range
TA
-40
—
+125
°C
Maximum Junction Temperature
TJ
——
+150
°C
Storage Temperature Range
TA
-65
—
+150
°C
Package Thermal Resistances
Thermal Resistance, 5L-SOT-23
JA
—220.7
—
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com