Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1406T-E/MF Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP1406T-E/MF
Description  6A High-Speed Power MOSFET Drivers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1406T-E/MF Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP1406T-E/MF Datasheet HTML 9Page - Microchip Technology MCP1406T-E/MF Datasheet HTML 10Page - Microchip Technology MCP1406T-E/MF Datasheet HTML 11Page - Microchip Technology MCP1406T-E/MF Datasheet HTML 12Page - Microchip Technology MCP1406T-E/MF Datasheet HTML 13Page - Microchip Technology MCP1406T-E/MF Datasheet HTML 14Page - Microchip Technology MCP1406T-E/MF Datasheet HTML 15Page - Microchip Technology MCP1406T-E/MF Datasheet HTML 16Page - Microchip Technology MCP1406T-E/MF Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
 2006-2016 Microchip Technology Inc.
DS20002019C-page 13
MCP1406/07
4.4
PCB Layout Considerations
Proper PCB layout is important in a high current,
fast switching circuit to provide proper device operation
and robustness of design. PCB trace loop area and
inductance should be minimized by the use of a ground
plane or ground trace located under the MOSFET gate
drive signals, separate analog and power grounds, and
local driver decoupling.
The MCP1406/07 devices have two pins each for VDD,
OUTPUT and GND. Both pins must be used for proper
operation. This also lowers path inductance which will,
along with proper decoupling, help minimize ringing in
the circuit.
Placing a ground plane beneath the MCP1406/07 will
help as a radiated noise shield as well as providing
some heat sinking for power dissipated within the
device.
4.5
Power Dissipation
The total internal power dissipation in a MOSFET driver
is the summation of three separate power dissipation
elements, which can be calculated by using the
following equation:
EQUATION 4-1:
4.5.1
CAPACITIVE LOAD DISSIPATION
The power dissipation caused by a capacitive load is a
direct function of frequency, total capacitive load and
supply voltage. The power lost in the MOSFET driver
for a complete charging and discharging cycle of a
MOSFET can be determined by means of this
equation:
EQUATION 4-2:
4.5.2
QUIESCENT POWER DISSIPATION
The power dissipation associated with the quiescent
current draw depends on the state of the input pin. The
MCP1406/07 devices have a quiescent current draw
when the input is high of 0.13 mA (typ) and 0.035 mA
(typ) when the input is low. The quiescent power dissi-
pation can be determined by using this equation:
EQUATION 4-3:
4.5.3
OPERATING POWER DISSIPATION
The operating power dissipation occurs each time the
MOSFET driver output transitions; this is because, for
a very short period of time, both MOSFETs in the output
stage are ON simultaneously. This cross-conduction
current leads to a power dissipation, as described by
the following equation:
EQUATION 4-4:
PT
PL PQ PCC
++
=
Where:
PT = Total power dissipation
PL = Load power dissipation
PQ = Quiescent power dissipation
PCC = Operating power dissipation
PL
fCT VDD
2
=
Where:
f = Switching frequency
CT = Total load capacitance
VDD = MOSFET driver supply voltage
PQ
IQH DIQL
1 D
–

+
 V
DD
=
Where:
IQH = Quiescent current in the high state
D = Duty cycle
IQL = Quiescent current in the low state
VDD = MOSFET driver supply voltage
PCC
CC f
VDD
=
Where:
CC = Cross-conduction constant (A sec.)
f = Switching frequency
VDD = MOSFET driver supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com