Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1252T-ADJE/MS Datasheet(PDF) 18 Page - Microchip Technology

Part # MCP1252T-ADJE/MS
Description  Low-Noise, Positive-Regulated Charge Pump
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1252T-ADJE/MS Datasheet(HTML) 18 Page - Microchip Technology

Back Button MCP1252T-ADJE/MS Datasheet HTML 12Page - Microchip Technology MCP1252T-ADJE/MS Datasheet HTML 13Page - Microchip Technology MCP1252T-ADJE/MS Datasheet HTML 14Page - Microchip Technology MCP1252T-ADJE/MS Datasheet HTML 15Page - Microchip Technology MCP1252T-ADJE/MS Datasheet HTML 16Page - Microchip Technology MCP1252T-ADJE/MS Datasheet HTML 17Page - Microchip Technology MCP1252T-ADJE/MS Datasheet HTML 18Page - Microchip Technology MCP1252T-ADJE/MS Datasheet HTML 19Page - Microchip Technology MCP1252T-ADJE/MS Datasheet HTML 20Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
MCP1252/3
DS20001752C-page 18
 2002-2014 Microchip Technology Inc.
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
Package
Temperature
Range
Device
MCP1252: Low-Noise, Positive-Regulated Charge Pump
MCP1252T: Low-Noise, Positive-Regulated Charge Pump
(Tape and Reel)
MCP1253: Low-Noise, Positive-Regulated Charge Pump
MCP1253T: Low-Noise, Positive-Regulated Charge Pump
(Tape and Reel)
Tape and Reel Option: T
= Tape and Reel(1)
Output Voltage:
ADJ
= Adjustable Voltage
33X50 = Selectable Voltage
Temperature Range:
I= -40
C to +85C
(Industrial)
E= -40
C to +125C
(Extended) (MCP1253 only)
Package:
MS
=
Plastic Micro Small Outline (MSOP), 8-lead
Examples:
a)
MCP1252-33X50I/MS:
Low-Noise,
Posi-
tive-Regulated Charge Pump, Fixed Output
b)
MCP1252-ADJI/MS: Low-Noise, Positive-
Regulated Charge Pump, Adjustable Output
c)
MCP1252T-33X50I/MS: Tape and Reel,
Low-Noise,
Positive-Regulated
Charge
Pump, Fixed Output
a)
MCP1253-33X50I/MS: Low-Noise,
Posi-
tive-Regulated Charge Pump, Fixed Output
b)
MCP1253-ADJI/MS:
Low-Noise,
Posi-
tive-Regulated Charge Pump, Adjustable
Output
c)
MCP1253T-ADJI/MS:
Tape
and
Reel,
Low-Noise,
Positive-Regulated
Charge
Pump, Adjustable Output
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This
identifier is used for ordering purposes and
is not printed on the device package. Check
with your Microchip Sales Office for package
availability with the Tape and Reel option.
[X](1)
Tape and Reel
Option
-XXX
Voltage
Option



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com