Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV7360 Datasheet(PDF) 2 Page - Microchip Technology

Part # HV7360
Description  High-Speed 짹100V 2.5A Two-or-Three-Level Ultrasound Pulsers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV7360 Datasheet(HTML) 2 Page - Microchip Technology

  HV7360 Datasheet HTML 1Page - Microchip Technology HV7360 Datasheet HTML 2Page - Microchip Technology HV7360 Datasheet HTML 3Page - Microchip Technology HV7360 Datasheet HTML 4Page - Microchip Technology HV7360 Datasheet HTML 5Page - Microchip Technology HV7360 Datasheet HTML 6Page - Microchip Technology HV7360 Datasheet HTML 7Page - Microchip Technology HV7360 Datasheet HTML 8Page - Microchip Technology HV7360 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
HV7360/HV7361
DS20005570A-page 2
 2016 Microchip Technology Inc.
HV7360 Typical Application Circuit
+/-100V 2.5A Three-level RTZ Transmit Pulsers
+2.5/3.3V V
LL
VDD
VH
INA
INB
PE
VL1
GND
INC
IND
VSS
SP1
SP2
SN1
SN2
DP1
DP2
0 to -100V
+10V
2.5/3.3V
Logic Input
DN2
DN1
VL2
VL3
+10V
HV
OUT
0 to +100V
HV7361 Typical Application Circuit
+2.5/3.3V V
LL
VDD
VH
PE
INA
INB
INC
IND
VL1
GND VSS
SP1
SP2
SN1
SN2
DP1
DP2
0 to -100V
+10V
2.5/3.3V
Logic Input
DN2
DN1
VL2
VL3
+10V
0 to +100V
T/R SW
XDCR
to Rx LNA
RX
+/-100V 2.5A Three-level RTZ Transmit Pulsers with T/R Switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com