Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1253T-ADJE/MS Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP1253T-ADJE/MS
Description  Low-Noise, Positive-Regulated Charge Pump
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1253T-ADJE/MS Datasheet(HTML) 4 Page - Microchip Technology

  MCP1253T-ADJE/MS Datasheet HTML 1Page - Microchip Technology MCP1253T-ADJE/MS Datasheet HTML 2Page - Microchip Technology MCP1253T-ADJE/MS Datasheet HTML 3Page - Microchip Technology MCP1253T-ADJE/MS Datasheet HTML 4Page - Microchip Technology MCP1253T-ADJE/MS Datasheet HTML 5Page - Microchip Technology MCP1253T-ADJE/MS Datasheet HTML 6Page - Microchip Technology MCP1253T-ADJE/MS Datasheet HTML 7Page - Microchip Technology MCP1253T-ADJE/MS Datasheet HTML 8Page - Microchip Technology MCP1253T-ADJE/MS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
MCP1252/3
DS20001752C-page 4
 2002-2014 Microchip Technology Inc.
AC CHARACTERISTICS
TEMPERATURE SPECIFICATIONS
Electrical Specifications: Unless otherwise specified, all limits are specified for TA = -40°C to +85°C ("I" Temperature), TA = -40°C
to +125°C ("E" Temperature), SHDN = VIN, CIN = COUT = 10 µF, CFLY = 1 µF, IOUT = 10 mA. Typical values are for TA = +25°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Internal Oscillator Frequency
FOSC
520
650
780
kHz
MCP1252
800
1000
1200
MCP1253
Ripple Voltage
VRIP
—50
—
mVp-p MCP1252
—45
—
mVp-p MCP1253
VOUT Wake-Up Time From Shutdown TWKUP
µsec
VIN = 3.6V, IOUT = 10 mA,
SHDN = VIH(MIN),
VOUT from 0 to 90% Nominal
Regulated Output Voltage
—
200
—
SELECT = VIN
—
300
—
SELECT = GND
Parameters
Symbol
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges:
Specified Temperature Range
TA
-40
—
+85
°C
"I" Temperature range
-40
—
+125
"E" Temperature range
Maximum Operating Junction
Temperature
TJ
——
+125
°C
Storage Temperature Range
TA
-65
—
+150
°C
Thermal Package Resistances:
Thermal Resistance, 8 Pin MSOP
JA
—
206
—
°C/W
Single-Layer SEMI G42-88
board, Natural Convection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com