Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP102-195E/TO Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP102-195E/TO
Description  Micropower Voltage Supervisors
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP102-195E/TO Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP102-195E/TO Datasheet HTML 7Page - Microchip Technology MCP102-195E/TO Datasheet HTML 8Page - Microchip Technology MCP102-195E/TO Datasheet HTML 9Page - Microchip Technology MCP102-195E/TO Datasheet HTML 10Page - Microchip Technology MCP102-195E/TO Datasheet HTML 11Page - Microchip Technology MCP102-195E/TO Datasheet HTML 12Page - Microchip Technology MCP102-195E/TO Datasheet HTML 13Page - Microchip Technology MCP102-195E/TO Datasheet HTML 14Page - Microchip Technology MCP102-195E/TO Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
 2004-2014 Microchip Technology Inc.
DS20001906D-page 11
MCP102/103/121/131
Note: Unless otherwise indicated, all limits are specified for: VDD = 1V to 5.5V, RPU =100 k (MCP121 only;
see Figure 4-1), TA = -40°C to +125°C.
FIGURE 2-31:
tRT vs. Temperature
(MCP121-450).
FIGURE 2-32:
Transient Duration vs.
VTRIP(min) – VDD.
FIGURE 2-33:
Open-Drain Leakage
Current vs. Voltage Applied to VOUT Pin
(MCP121-195).
35
35.5
36
36.5
37
37.5
38
-40
-15
10
35
60
85
110
Temperature (°C)
V
DD increasing from:
0V – 5.0V
V
DD increasing from:
0V – 5.5V
V
DD increasing from:
0V – 4.6V
V
DD increasing from:
0V – 4.8V
MCP121-450
0
200
400
600
800
1000
1200
1400
0.001
0.01
0.1
1
10
V
TRIP(min) – VDD
MCP121-450
MCP102-195
MCP131-315
1.00E-13
1.00E-12
1.00E-11
1.00E-10
1.00E-09
1.00E-08
1.00E-07
1.00E-06
1.00E-05
1.00E-04
1.00E-03
1.00E-02
0123456789 10 11 12 13 14
Pull-Up Voltage (V)
+125°C
+25°C
-40°C
10m
100µ
1m
10µ
1µ
10n
100n
1n
100p
1p
10p
100f



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com