Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS75453M Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS75453M
Description  Series Dual Peripheral Drivers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS75453M Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS75453M Datasheet HTML 1Page - National Semiconductor (TI) DS75453M Datasheet HTML 2Page - National Semiconductor (TI) DS75453M Datasheet HTML 3Page - National Semiconductor (TI) DS75453M Datasheet HTML 4Page - National Semiconductor (TI) DS75453M Datasheet HTML 5Page - National Semiconductor (TI) DS75453M Datasheet HTML 6Page - National Semiconductor (TI) DS75453M Datasheet HTML 7Page - National Semiconductor (TI) DS75453M Datasheet HTML 8Page - National Semiconductor (TI) DS75453M Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
DS75451/2/3
Series Dual Peripheral Drivers
General Description
The DS7545X series of dual peripheral drivers is a family of
versatile devices designed for use in systems that use TTL
logic. Typical applications include high speed logic buffers,
power drivers, relay drivers, lamp drivers, MOS drivers, bus
drivers and memory drivers.
The DS75451, DS75452 and DS75453 are dual peripheral
AND, NAND and NOR drivers, respectively, (positive logic)
with the output of the logic gates internally connected to the
bases of the NPN output transistors.
Features
n
300 mA output current capability
n
High voltage outputs
n
No output latch-up at 20V
n
High speed switching
n
Choice of logic function
n
TTL compatible diode-clamped inputs
n
Standard supply voltages
n
Replaces TI “A” and “B” series
Connection Diagrams (Dual-In-Line and Metal Can Packages)
DS005824-2
*See (Note 5) and Appendix E regarding S.O. package power dissipation
constraints.
Top View
Order Number DS75451M or DS75451N
DS005824-3
Top View
Order Number DS75452M or DS75452N
See NS Package Numbers M08A* or N08E
DS005824-4
*See (Note 5) and Appendix E regarding S.O. package power dissipation constraints.
Top View
Order Number DS75453M or DS75453N
See NS Package Numbers M08A* or N08E
February 2000
© 2000 National Semiconductor Corporation
DS005824
www.national.com


Similar Part No. - DS75453M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS75453M NSC-DS75453M Datasheet
249Kb / 16P
Dual Peripheral Drivers
More results

Similar Description - DS75453M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55461 TI-SN55461 Datasheet
301Kb / 13P
DUAL PERIPHERAL DRIVERS
SN75471 TI-SN75471 Datasheet
121Kb / 7P
DUAL PERIPHERAL DRIVERS
SNJ55451BJG TI-SNJ55451BJG Datasheet
150Kb / 9P
DUAL PERIPHERAL DRIVERS
SN75446 TI-SN75446 Datasheet
98Kb / 7P
DUAL PERIPHERAL DRIVERS
SN55451B TI-SN55451B_07 Datasheet
527Kb / 20P
DUAL PERIPHERAL DRIVERS
SN55451B TI-SN55451B_08 Datasheet
557Kb / 20P
DUAL PERIPHERAL DRIVERS
SN75462DG4 TI-SN75462DG4 Datasheet
517Kb / 16P
DUAL PERIPHERAL DRIVERS
SN75446 TI1-SN75446_08 Datasheet
115Kb / 7P
DUAL PERIPHERAL DRIVERS
SN75476 TI1-SN75476_14 Datasheet
449Kb / 14P
DUAL PERIPHERAL DRIVERS
SN55461 TI1-SN55461_14 Datasheet
539Kb / 17P
DUAL PERIPHERAL DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com