Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A25QBM080QL Datasheet(PDF) 21 Page - AMIC Technology

Part # A25QBM080QL
Description  8Mbit, 3V Suspend/Resume, Dual/Quad-I/O Serial Flash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25QBM080QL Datasheet(HTML) 21 Page - AMIC Technology

Back Button A25QBM080QL Datasheet HTML 17Page - AMIC Technology A25QBM080QL Datasheet HTML 18Page - AMIC Technology A25QBM080QL Datasheet HTML 19Page - AMIC Technology A25QBM080QL Datasheet HTML 20Page - AMIC Technology A25QBM080QL Datasheet HTML 21Page - AMIC Technology A25QBM080QL Datasheet HTML 22Page - AMIC Technology A25QBM080QL Datasheet HTML 23Page - AMIC Technology A25QBM080QL Datasheet HTML 24Page - AMIC Technology A25QBM080QL Datasheet HTML 25Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 58 page
background image
A25LQ080 Series
(April, 2016, Version 1.0)
20
AMIC Technology Corp.
Read Data Bytes at Higher Speed by Dual Input and Dual Output (FAST_READ_DUAL_INPUT_OUTPUT)
The FAST_READ_DUAL_INPUT_OUTPUT (BBh) instruction
is similar to the FAST_READ (0Bh) instruction except the
data is input and output on two pins, IO0 and IO1, instead of
just DO. This allows data to be transferred from the
A25LQ080 at twice the rate of standard SPI devices.
Similar
to
the
FAST_READ
instruction,
the
FAST_READ_DUAL_INPUT_OUTPUT
instruction
can
operate at the highest possible frequency of fC (See AC
Characteristics).
Figure 10. FAST_READ_DUAL_INPUT_OUTPUT Instruction Sequence and Data-Out Sequence
Instruction (BBh)
High Impedance
MSB
810
9
01 2 3 4 5 6 7
24-Bit Address
16 17 18 19
22 20 18
6 42 0
7
0
S
C
IO0
IO1
S
C
20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35
Dummy
Byte
MSB
1
MSB
7 5 31 75 3
MSB
7 5 31 75 3 1
6 4 2 0 6 4 2 0 6 4 2 0 6 4 2 0
Data Out 2
Data Out 3
Data Out 4
Data Out 5
DIO switches from input to output
21 19
5 3 1
23
7
6 4 2 0
6 4 2 0
7 53 1
MSB
Data Out 1
IO0
IO1
7 5 3 1
Note: Address bits A23 to A20 are Don’t Care, for A25LQ080.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com