Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL2530 Datasheet(PDF) 3 Page - Texas Instruments

Part # HCPL2530
Description  OPTOCOUPLERS/OPTOISOLATORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

HCPL2530 Datasheet(HTML) 3 Page - Texas Instruments

  HCPL2530 Datasheet HTML 1Page - Texas Instruments HCPL2530 Datasheet HTML 2Page - Texas Instruments HCPL2530 Datasheet HTML 3Page - Texas Instruments HCPL2530 Datasheet HTML 4Page - Texas Instruments HCPL2530 Datasheet HTML 5Page - Texas Instruments HCPL2530 Datasheet HTML 6Page - Texas Instruments HCPL2530 Datasheet HTML 7Page - Texas Instruments HCPL2530 Datasheet HTML 8Page - Texas Instruments HCPL2530 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
www.fairchildsemi.com
Single-channel: 6N135, 6N136 , HCPL-2503, HCPL-4502 Dual-Channel: HCPL-2530, HCPL-2531 Rev. 1.0.3
Electrical Characteristics (TA = 0 to 70°C Unless otherwise specified)
Individual Component Characteristics
** All Typicals at TA = 25°C
Parameter
Test Conditions
Symbol
Device
Min Typ** Max Unit
EMITTER
(IF = 16 mA, TA =25°C)
VF
1.45
1.7
V
Input Forward Voltage
(IF = 16 mA)
1.8
Input Reverse Breakdown Voltage
(IR = 10 µA)
BVR
5.0
V
Temperature coefficient of
forward voltage
(IF = 16 mA) (∆VF/∆TA)
-1.6
mV/°C
DETECTOR
Logic high output current
(IF = 0 mA, VO = VCC = 5.5 V)
(TA =25°C)
IOH
All
0.001
0.5
µA
(IF = 0 mA, VO = VCC = 15 V)
(TA =25°C)
6N135
6N136
HCPL-4502
HCPL-2503
0.005
1
(IF = 0 mA, VO = VCC = 15 V)
All
50
Logic low supply current
(IF = 16 mA, VO = Open)
(VCC = 15 V)
ICCL
6N135
6N136
HCPL-4502
HCPL-2503
120
200
µA
(IF1 = IF2 = 16 mA, VO = Open)
(VCC = 15 V)
HCPL-2530
HCPL-2531
200
400
Logic high supply current
(IF = 0 mA, VO = Open, VCC = 15
V)
(TA =25°C)
ICCH
6N135
6N136
HCPL-4502
HCPL-2503
1µA
(IF = 0 mA, VO = Open)
(VCC = 15 V)
6N135
6N136
HCPL-4502
HCPL-2503
2
(IF = 0 mA, VO = Open)
(VCC = 15 V)
HCPL-2530
HCPL-2531
0.02
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com