Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL2531 Datasheet(PDF) 2 Page - Texas Instruments

Part # HCPL2531
Description  OPTOCOUPLERS/OPTOISOLATORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

HCPL2531 Datasheet(HTML) 2 Page - Texas Instruments

  HCPL2531 Datasheet HTML 1Page - Texas Instruments HCPL2531 Datasheet HTML 2Page - Texas Instruments HCPL2531 Datasheet HTML 3Page - Texas Instruments HCPL2531 Datasheet HTML 4Page - Texas Instruments HCPL2531 Datasheet HTML 5Page - Texas Instruments HCPL2531 Datasheet HTML 6Page - Texas Instruments HCPL2531 Datasheet HTML 7Page - Texas Instruments HCPL2531 Datasheet HTML 8Page - Texas Instruments HCPL2531 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
www.fairchildsemi.com
Single-channel: 6N135, 6N136 , HCPL-2503, HCPL-4502 Dual-Channel: HCPL-2530, HCPL-2531 Rev. 1.0.3
Absolute Maximum Ratings (TA = 25°C unless otherwise specified)
Parameter
Symbol
Value
Units
Storage Temperature
TSTG
-55 to +125
°C
Operating Temperature
TOPR
-55 to +100
°C
Lead Solder Temperature
TSOL
260 for 10 sec
°C
EMITTER
DC/Average Forward Input Current
Each Channel (Note 1)
IF (avg)
25
mA
Peak Forward Input Current (50% duty cycle, 1 ms P.W.)
Each Channel (Note 2)
IF (pk)
50
mA
Peak Transient Input Current - (
≤1 µs P.W., 300 pps)
Each Channel
IF (trans)
1.0
A
Reverse Input Voltage
Each Channel
VR
5V
Input Power Dissipation
(6N135/6N136 and HCPL-2503/4502)
(HCPL-2530/2531 ) Each Channel (Note 3)
PD
100
45
mW
DETECTOR
Average Output Current
Each Channel
IO (avg)
8
mA
Peak Output Current
Each Channel
IO (pk)
16
mA
Emitter-Base Reverse Voltage
(6N135, 6N136 and HCPL-2503 only)
VEBR
5V
Supply Voltage
VCC
-0.5 to 30
V
Output Voltage
VO
-0.5 to 20
V
Base Current
(6N135, 6N136 and HCPL-2503 only)
IB
5mA
Output power
dissipation
(6N135, 6N136, HCPL-2503, HCPL-4502) (Note 4)
PD
100
mW
(HCPL-2530, HCPL-2531) Each Channel
35
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com