Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P010331 Datasheet(PDF) 1 Page - E-SWITCH

Part # P010331
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

P010331 Datasheet(HTML) 1 Page - E-SWITCH

  P010331 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOMETRIC
ISOMETRIC
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
TL1107BF180WR
4:1
4/18/2007
P010331
B
TN
1
1
RECOMMENDED P.C.B. LAYOUT
5.00
[.197 in]
3.50
[.138 in]
6.00
[.236 in]
3.00
[.118 in]
1.50
[.059 in]
.20
[.008 in]
3.50
[.138 in]
1.00
[.039 in]
.40 MAX
[.016 in]
A
17127
RELEASED FOR PRODUCTION
3/20/07
TN
NOTES:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERM. NOS. FOR REFERENCE ONLY.
4. RATING: 12VDC, 50mA
5. OPERATING FORCE: 180 `50 gms
6. TRAVEL: 0.25 ± .1mm
7. CONTACT RESISTANCE: 100 m
Ω MAX. (INITIAL)
8. MECHANICAL/ELECTRICAL LIFE: 40,000 CYCLES MIN.
9. CONTACT MATERIAL: GOLD
10. PACKAGE: BULK 1,000 PER BAG
11.
DENOTES CRITICAL PARAMETER
12. 2002/95/EC (ROHS) COMPLIANT
ACTUATOR: IVORY
HOUSING: BLACK
CIRCUIT: SPST
1
2
1.50
[.059 in]
n1.30
[.051 in]
6.50
[.256 in]
6.50
[.256 in]
3.35
[.132 in]
GOLD DOME
(P990007)
B
17202
ADDED GOLD DOME LEADER
4/18/07
TN


Similar Part No. - P010331

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
P010330 E-SWITCH-P010330 Datasheet
42Kb / 1P
ALL DIMENSIONS IN MM [INCH]
P010336 E-SWITCH-P010336 Datasheet
114Kb / 1P
ALL DIMENSIONS IN MM [INCH]
P010337 E-SWITCH-P010337 Datasheet
108Kb / 1P
ALL DIMENSIONS IN MM [INCH]
P010338 E-SWITCH-P010338 Datasheet
117Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - P010331

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com