Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS52B Datasheet(PDF) 1 Page - Bruckewell Technology LTD

Part # SS52B
Description  SCHOTTKY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

SS52B Datasheet(HTML) 1 Page - Bruckewell Technology LTD

  SS52B Datasheet HTML 1Page - Bruckewell Technology LTD SS52B Datasheet HTML 2Page - Bruckewell Technology LTD SS52B Datasheet HTML 3Page - Bruckewell Technology LTD SS52B Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SS52B
SCHOTTKY RECTIFIER
Publication Order Number: [SS52B]
© Bruckewell Technology Corporation Rev. A -2014
Features
• Ideal for surface mount applications . Easy pick and
place
• Built-in strain relief
• Low forward voltage drop
• RoHS compliant package
Mechanical Data
• Case: Molded plastic
• Epoxy: UL 94V-0 rate flame retardant
• Metallurgically bonded construction
• Polarity: Color band denotes cathode end .
Mounting position: Any
• Weight: 0.93 grams
Packing & Order Information
3,000/Reel
Graphic symbol
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Maximum Ratings (Tc=25°C unless otherwise noted)
Parameter
Symbol
SS52B
Unit
Maximum repetitive peak reverse voltage
VRRM
20
V
Working peak reverse voltage
VRWM
20
V
Maximum DC blocking voltage
VDC
20
V
Maximum average forward rectified current
IF(AV)
5
A
Peak forward surge current
8.3ms single half sine-wave superimposed
on rated load (JEDEC Method)
IFSM
150
A
1pulse/4S t=500us exponent wave
Operating junction temperature range
TJ
-50 to +150
°C
Storage temperature range
TSTG
-50 to +175
°C
Notes:
Mounted on 2” Square PC Board with 1” Square Total Pad Size, PC Board FR4.


Similar Part No. - SS52B

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
SS52B YANGJIE-SS52B Datasheet
148Kb / 2P
Schottky Rectifier
logo
Frontier Electronics.
SS52B FRONTIER-SS52B Datasheet
124Kb / 2P
5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Luguang Electr...
SS52B LUGUANG-SS52B Datasheet
597Kb / 2P
Surface Mount Schottky Barrier Rectifiers
logo
Jiangsu High diode Semi...
SS52B HDSEMI-SS52B Datasheet
1Mb / 4P
SMB Plastic-Encapsulate Diodes
logo
Suntan Capacitors
SS52B SUNTAN-SS52B Datasheet
203Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SS52B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com