Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2A Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # S2A
Description  2.0 A Surface Mount Glass Passivated Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

S2A Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  S2A Datasheet HTML 1Page - Bruckewell Technology LTD S2A Datasheet HTML 2Page - Bruckewell Technology LTD S2A Datasheet HTML 3Page - Bruckewell Technology LTD S2A Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
S2A-M
2.0 A Surface Mount Glass Passivated Rectifier
Rectifier Reverse Voltage 50 to 1000V
Publication Order Number: [S2A-M]
© Bruckewell Technology Corporation Rev. A -2014
Ratings at 25°C ambient temperature unless otherwise specified, Resistive or Inductive load, 60 Hz.
For Capacitive load derate current by 20%.
S2A
S2B
S2D
S2G
S2J
S2K
S2M
UNITS
Typical junction capacitance
per element (2)
CJ
30
pF
Operating junction and storage
temperature range
TJ,TSTG
-65 to +150
°C
ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Resistive or Inductive load, 60Hz.
For Capacitive load derate by 20%.
S2A
S2B
S2D
S2G
S2J
S2K
S2M
UNITS
Maximum instantaneous forward
voltage drop per leg at 2.0A
VF
1.15
V
Maximum DC reverse current
at rated TA =25°C
DC blocking voltage per element
TA =125°C
IR
5.0
125
μA
Notes:
(1)Thermal resistance from Junction to Ambemt on P.C.board mounting.
(2)Measured at 2.0MHz and applied reverse voltage of 4.0 volts.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com