Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PASMA12C Datasheet(PDF) 3 Page - Bruckewell Technology LTD

Part # PASMA12C
Description  400W surge capability at 1ms
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

PASMA12C Datasheet(HTML) 3 Page - Bruckewell Technology LTD

  PASMA12C Datasheet HTML 1Page - Bruckewell Technology LTD PASMA12C Datasheet HTML 2Page - Bruckewell Technology LTD PASMA12C Datasheet HTML 3Page - Bruckewell Technology LTD PASMA12C Datasheet HTML 4Page - Bruckewell Technology LTD PASMA12C Datasheet HTML 5Page - Bruckewell Technology LTD PASMA12C Datasheet HTML 6Page - Bruckewell Technology LTD PASMA12C Datasheet HTML 7Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
P4SMA SERIIES
VBR : 6.8 - 440 Volts
PPK : 400 Watts
Publication Order Number: [P4SMA SERIES]
© Bruckewell Technology Corporation Rev. A -2
014
ELECTRICAL CHARACTERISTICS (Rating at 25ºC ambient temperature unless otherwise specified)
Type No.
Breakdown Voltage
@ It ( Note 1 )
Working
Peak
Reverse
Voltage
Maximum
Reverse
Leakage @
VRWM
Maximum
Reverse
Current
Maximum
Clamping
Voltage @
IRSM
Maximum
Temperature
Co-efficient
of VBR
VBR (V)
It
VRWM
IR
IRSM
VRSM
Min
Max
(mA)
(V)
(μA)
(A)
(V)
(% / °C)
PASMA22C
19.8
24.2
1.0
17.8
5.0
13.0
31.9
0.092
PASMA22CA
20.9
23.1
1.0
18.8
5.0
14.0
30.6
0.092
PASMA24C
21.6
26.4
1.0
19.4
5.0
12.0
34.7
0.094
PASMA24CA
22.8
25.2
1.0
20.5
5.0
13.0
33.2
0.094
PASMA27C
24.3
29.7
1.0
21.8
5.0
11.0
39.1
0.096
PASMA27CA
25.7
28.4
1.0
23.1
5.0
11.2
37.5
0.096
PASMA30C
27.0
33.0
1.0
24.3
5.0
10.0
43.5
0.097
PASMA30CA
28.5
31.5
1.0
25.6
5.0
10.0
41.4
0.097
PASMA33C
29.7
36.6
1.0
26.8
5.0
9.0
47.7
0.098
PASMA33CA
31.4
34.7
1.0
28.2
5.0
9.0
45.7
0.098
PASMA36C
32.4
39.6
1.0
29.1
5.0
8.0
52.0
0.099
PASMA36CA
34.2
37.8
1.0
30.8
5.0
8.4
49.9
0.099
PASMA39C
35.1
42.9
1.0
31.6
5.0
7.4
56.4
0.100
PASMA39CA
37.1
41.0
1.0
33.3
5.0
7.8
53.9
0.100
PASMA43C
38.7
47.3
1.0
34.8
5.0
6.8
61.9
0.101
PASMA43CA
40.9
45.2
1.0
36.8
5.0
7.1
59.3
0.101
PASMA47C
42.3
51.7
1.0
38.1
5.0
6.2
67.8
0.101
PASMA47CA
44.7
49.4
1.0
40.2
5.0
6.5
64.8
0.101
PASMA51C
45.9
56.1
1.0
41.3
5.0
5.7
73.5
0.102
PASMA51CA
48.5
53.6
1.0
43.6
5.0
6.0
70.1
0.102
PASMA56C
50.4
61.6
1.0
45.4
5.0
5.2
80.5
0.103
PASMA56CA
53.2
58.8
1.0
47.8
5.0
5.5
77.0
0.103
PASMA62C
55.8
68.2
1.0
50.2
5.0
4.7
89.0
0.104
PASMA62CA
58.9
65.1
1.0
53.0
5.0
5.0
85.0
0.104
PASMA68C
61.2
74.8
1.0
55.1
5.0
4.3
98.0
0.104
PASMA68CA
64.6
71.4
1.0
58.1
5.0
4.6
92.0
0.104
PASMA75C
67.5
82.5
1.0
60.7
5.0
3.9
108
0.105
PASMA75CA
71.3
78.8
1.0
64.1
5.0
4.1
103
0.105
PASMA82C
73.8
90.2
1.0
66.4
5.0
3.6
118
0.105



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com