Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSD39N08 Datasheet(PDF) 3 Page - Bruckewell Technology LTD

Part # MSD39N08
Description  30V N-Channel MOSFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MSD39N08 Datasheet(HTML) 3 Page - Bruckewell Technology LTD

  MSD39N08 Datasheet HTML 1Page - Bruckewell Technology LTD MSD39N08 Datasheet HTML 2Page - Bruckewell Technology LTD MSD39N08 Datasheet HTML 3Page - Bruckewell Technology LTD MSD39N08 Datasheet HTML 4Page - Bruckewell Technology LTD MSD39N08 Datasheet HTML 5Page - Bruckewell Technology LTD MSD39N08 Datasheet HTML 6Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MSD39N08
30V N-Channel MOSFETs
Publication Order Number: [MSD39N08]
© Bruckewell Technology Corporation Rev. A -2014
Dynamic Characteristics
Symbol
Parameter
Test Conditions
Min
Typ.
Max.
Units
Qg
Total Gate Charge
3,4
VDS = 15 V , ID = 20 A,
VGS = 4.5 V
--
7.5
--
nC
Qgs
Gate-Source Charge
3,4
--
1.3
--
nC
Qgd
Gate-Drain Charge
3,4
--
4.5
--
nC
td(on)
Turn-On Delay Time
3,4
ID = 15 A , RG = 3.3 Ω,
VGS = 10 V , VDD = 15 V
--
4.8
--
ns
tr
Rise Time
3,4
--
12.5
--
ns
td(off)
Turn-Off Delay Time
3,4
--
27.6
--
ns
tf
Fall Time
3,4
--
8.2
--
ns
CISS
Input Capacitance
VDS = 25 V
f = 1 MHz , VGS = 0 V
--
750
--
pF
COSS
Output Capacitance
--
150
--
pF
CRSS
Reverse Transfer Capacitance
--
110
--
pF
Rg
Gate Charge
VDS = 0 V , f = 1 MHz , VGS = 0 V
--
2.7
--
Ω
Drain-Source Diode Characteristics
Symbol
Parameter
Test Conditions
Min
Typ.
Max.
Units
EAS
Single Pulse Avalanche
Energy
VDD = 25 V,L = 0.1mH, IAS = 15 A
12
--
--
mJ
Drain-Source Diode Characteristics
Symbol
Parameter
Test Conditions
Min
Typ.
Max.
Units
IS
Continuous Source Current
VG = VD = 0 V , Force Current
--
--
55
A
ISM
Pulsed Source Current
--
--
220
A
VSD
Diode Forward Voltage
VGS = 0 V , IS = 1 A , TJ = 25°C
--
--
1
V
Trr
Reverse Recovery Time
VGS=0V,IS=1A , di/dt=100A/μs
TJ=25°C
--
--
--
ns
Qrr
Reverse Recovery Charge
--
--
--
nC
Note :
1.Repetitive Rating : Pulsed width limited by maximum junction temperature.
2.VDD=25V,VGS=10V,L=0.1mH,IAS=30A.,RG=25
Ω,Starting TJ=25℃.
3.The data tested by pulsed , pulse width
≦ 300us , duty cycle ≦ 2%.
4.Essentially independent of operating temperature.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com