Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF6607 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF6607
Description  Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6607 Datasheet(HTML) 1 Page - International Rectifier

  IRF6607 Datasheet HTML 1Page - International Rectifier IRF6607 Datasheet HTML 2Page - International Rectifier IRF6607 Datasheet HTML 3Page - International Rectifier IRF6607 Datasheet HTML 4Page - International Rectifier IRF6607 Datasheet HTML 5Page - International Rectifier IRF6607 Datasheet HTML 6Page - International Rectifier IRF6607 Datasheet HTML 7Page - International Rectifier IRF6607 Datasheet HTML 8Page - International Rectifier IRF6607 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
www.irf.com
1
4/8/04
IRF6607
Notes
 through ˆ are on page 11
l Application Specific MOSFETs
l Ideal for CPU Core DC-DC Converters
l Low Conduction Losses
l High Cdv/dt Immunity
l Low Profile (<0.7 mm)
l Dual Sided Cooling Compatible
l Compatible with existing Surface
Mount Techniques
Description
The IRF6607 combines the latest HEXFET® Power MOSFET Silicon technology with the advanced DirectFETTM packaging
to achieve the lowest on-state resistance in a package that has the footprint of an SO-8 and only 0.7 mm profile. The
DirectFET package is compatible with existing layout geometries used in power applications, PCB assembly equipment and
vapor phase, infra-red or convection soldering techniques, when application note AN-1035 is followed regarding the
manufacturing methods and process. The DirectFET package allows dual sided cooling to maximize thermal transfer in
power systems, IMPROVING previous best thermal resistance by 80%.
The IRF6607 balances both low resistance and low charge along with ultra low package inductance to reduce both conduc-
tion and switching losses. The reduced total losses make this product ideal for high efficiency DC-DC converters that power
the latest generation of processors operating at higher frequencies. The IRF6607 has been optimized for parameters that
are critical in synchronous buck converters including Rds(on), gate charge and Cdv/dt-induced turn on immunity. The
IRF6607 offers particularly low Rds(on) and high Cdv/dt immunity for synchronous FET applications.
HEXFET® Power MOSFET
DirectFET
™ISOMETRIC
MT
VDSS
RDS(on) max
Qg(typ.)
30V
3.3m
Ω@V
GS = 10V
50nC
4.4m
Ω@V
GS = 4.5V
SQ
SX
ST
MQ
MX
MT
Applicable DirectFET Outline and Substrate Outline (see p.9,10 for details)
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
V
VGS
Gate-to-Source Voltage
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
A
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
IDM
Pulsed Drain Current
c
PD @TA = 25°C
Power Dissipation
g
PD @TA = 70°C
Power Dissipation
g
W
PD @TC = 25°C
Power Dissipation
Linear Derating Factor
W/°C
TJ
Operating Junction and
°C
TSTG
Storage Temperature Range
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJA
Junction-to-Ambient
fj
–––
35
RθJA
Junction-to-Ambient
gj
12.5
–––
RθJA
Junction-to-Ambient
hj
20
–––
°C/W
RθJC
Junction-to-Case
ij
–––
3.0
RθJ-PCB
Junction-to-PCB Mounted
–––
1.0
-40 to + 150
3.6
0.029
2.3
42
Max.
27
22
220
±12
30
94
PD - 94574B


Similar Part No. - IRF6607

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6601 IRF-IRF6601 Datasheet
130Kb / 8P
DirectFET??Power MOSFET(Vdss=20V)
IRF6602 IRF-IRF6602 Datasheet
200Kb / 11P
HEXFET Power MOSFET
IRF6602 IRF-IRF6602 Datasheet
133Kb / 9P
DirectFET Power MOSFET
04/24/02
IRF6602TR1 IRF-IRF6602TR1 Datasheet
200Kb / 11P
HEXFET Power MOSFET
IRF6602 IRF-IRF6602_V01 Datasheet
133Kb / 9P
DirectFET Power MOSFET
04/24/02
More results

Similar Description - IRF6607

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK730P AUK-STK730P Datasheet
398Kb / 8P
Power MOSFET
logo
Torex Semiconductor
XP131A1145SR TOREX-XP131A1145SR_1 Datasheet
427Kb / 5P
Power MOSFET
XP131A1715SR TOREX-XP131A1715SR_1 Datasheet
439Kb / 5P
Power MOSFET
XP132A1635SR TOREX-XP132A1635SR_1 Datasheet
447Kb / 5P
Power MOSFET
logo
Vishay Siliconix
IRF9Z14S VISHAY-IRF9Z14S Datasheet
2Mb / 8P
Power MOSFET
02-Jun-08
IRF630 VISHAY-IRF630 Datasheet
579Kb / 8P
Power MOSFET
21-Mar-11
IRF634N VISHAY-IRF634N Datasheet
162Kb / 8P
Power MOSFET
19-Jun-08
IRF710 VISHAY-IRF710 Datasheet
1,019Kb / 8P
Power MOSFET
30-May-08
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com