Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFF210 Datasheet(PDF) 1 Page - International Rectifier

Part # IRFF210
Description  REPETITIVE AVALANCHE AND dv/dt RATED HEXFET?쏷RANSISTORS THRU-HOLE (TO-205AF)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFF210 Datasheet(HTML) 1 Page - International Rectifier

  IRFF210 Datasheet HTML 1Page - International Rectifier IRFF210 Datasheet HTML 2Page - International Rectifier IRFF210 Datasheet HTML 3Page - International Rectifier IRFF210 Datasheet HTML 4Page - International Rectifier IRFF210 Datasheet HTML 5Page - International Rectifier IRFF210 Datasheet HTML 6Page - International Rectifier IRFF210 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Absolute Maximum Ratings
Parameter
Units
ID @ VGS = 10V, TC = 25°C
Continuous Drain Current
2.25
ID @ VGS = 10V, TC = 100°C
Continuous Drain Current
1.50
IDM
Pulsed Drain Current ➀
9.0
PD @ TC = 25°C
Max. Power Dissipation
1 5
W
Linear Derating Factor
0.12
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy ➁
48
mJ
IAR
Avalanche Current ➀
—A
EAR
Repetitive Avalanche Energy ➀
—mJ
dv/dt
Peak Diode Recovery dv/dt ➂
5.0
V/ns
T J
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Lead Temperature
300 (0.063 in. (1.6mm) from case for 10s)
Weight
0.98(typical)
g
PD - 90424C
The HEXFET
technology is the key to International
Rectifier’s advanced line of power MOSFET transistors.
The efficient geometry and unique processing of this latest
“State of the Art” design achieves: very low on-state resis-
tance combined with high transconductance.
The HEXFET transistors also feature all of the well
established advantages of MOSFETs such as volt-
age control, very fast switching, ease of parelleling
and temperature stability of the electrical parameters.
They are well suited for applications such as switch-
ing power supplies, motor controls, inverters, chop-
pers, audio amplifiers and high energy pulse circuits.
o C
A
01/22/01
www.irf.com
1
TO-39
Product Summary
Part Number
BVDSS
RDS(on)
ID
IRFF210
200V
1.5
Ω
2.25A
Features:
n Repetitive Avalanche Ratings
n Dynamic dv/dt Rating
n Hermetically Sealed
n Simple Drive Requirements
n Ease of Paralleling
For footnotes refer to the last page
IRFF210
REPETITIVE AVALANCHE AND dv/dt RATED
JANTX2N6784
HEXFET
TRANSISTORS
JANTXV2N6784
THRU-HOLE (TO-205AF)
REF:MIL-PRF-19500/556
200V, N-CHANNEL


Similar Part No. - IRFF210

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRFF210 INTERSIL-IRFF210 Datasheet
325Kb / 7P
2.2A, 200V, 1.500 Ohm, N-Channel Power MOSFET
March 1999
logo
Seme LAB
IRFF210 SEME-LAB-IRFF210 Datasheet
16Kb / 1P
N-Channel MOSFET in a Hermetically sealed TO39
More results

Similar Description - IRFF210

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFF9220 IRF-IRFF9220 Datasheet
130Kb / 7P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET?쏷RANSISTORS THRU-HOLE (TO-205AF)
IRFF120 IRF-IRFF120 Datasheet
131Kb / 7P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS THRU-HOLE (TO-205AF)
IRFF310 IRF-IRFF310 Datasheet
129Kb / 7P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET?쏷RANSISTORS THRU-HOLE (TO-205AF)
IRFAG40 IRF-IRFAG40 Datasheet
146Kb / 7P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET?쏷RANSISTORS THRU-HOLE (TO-204AA/AE)
IRFAG50 IRF-IRFAG50 Datasheet
156Kb / 7P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS THRU-HOLE (TO-204AA/AE)
IRFAE30 IRF-IRFAE30 Datasheet
146Kb / 7P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS THRU-HOLE (TO-204AA/AE)
IRFAC40 IRF-IRFAC40 Datasheet
152Kb / 7P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET?쏷RANSISTORS THRU-HOLE (TO-204AA/AE)
JANTX2N6798 IRF-JANTX2N6798 Datasheet
134Kb / 7P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET?쏷RANSISTORS THRU-HOLE (TO-205AF)
IRF460PBF IRF-IRF460PBF Datasheet
143Kb / 7P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET?숿RANSISTORS THRU-HOLE (TO-204AA/AE)
logo
New Jersey Semi-Conduct...
IRF240 NJSEMI-IRF240 Datasheet
101Kb / 2P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS THRU-HOLE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com