Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PASMA68C Datasheet(PDF) 7 Page - Bruckewell Technology LTD

Part # PASMA68C
Description  400W surge capability at 1ms
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

PASMA68C Datasheet(HTML) 7 Page - Bruckewell Technology LTD

  PASMA68C Datasheet HTML 1Page - Bruckewell Technology LTD PASMA68C Datasheet HTML 2Page - Bruckewell Technology LTD PASMA68C Datasheet HTML 3Page - Bruckewell Technology LTD PASMA68C Datasheet HTML 4Page - Bruckewell Technology LTD PASMA68C Datasheet HTML 5Page - Bruckewell Technology LTD PASMA68C Datasheet HTML 6Page - Bruckewell Technology LTD PASMA68C Datasheet HTML 7Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
P4SMA SERIIES
VBR : 6.8 - 440 Volts
PPK : 400 Watts
Publication Order Number: [P4SMA SERIES]
© Bruckewell Technology Corporation Rev. A -2
014
Disclaimer
ALL PRODUCT, PRODUCT SPECIFICATIONS AND DATA ARE SUBJECT TO CHANGE
WITHOUT NOTICE TO IMPROVE RELIABILITY, FUNCTION OR DESIGN OR OTHERWISE.
Bruckewell Technology Inc., its affiliates, agents, and employees, and all persons acting on its or
their beha
lf (collectively, “Bruckewell”), disclaim any and all liability for any errors, inaccuracies or
incompleteness contained in any datasheet or in any other disclosure relating to any product.
Bruckewell makes no warranty, representation or guarantee regarding the suitability of the products
for any particular purpose or the continuing production of any product. To the maximum extent
permitted by applicable law, Bruckewell disclaims
(i)
Any and all liability arising out of the application or use of any product.
(ii) Any and all liability, including without limitation special, consequential or incidental damages.
(iii) Any and all implied warranties, including warranties of fitness for particular purpose,
non-infringement and merchantability.
Statements regarding the suitability of products for certain types of applications are based on
Bruckewell’s knowledge of typical requirements that are often placed on Bruckewell products in
generic applications.
Such statements are not binding statements about the suitability of products for a particular
application. It is the customer’s responsibility to validate that a particular product with the properties
described in the product specification is suitable for use in a particular application. Parameters
provided in datasheets and/or specifications may vary in different applications and performance
may vary over time.
Product specifications do not expand or otherwise modify Bruckewell’s terms and conditions of
purchase, including but not limited to the warranty expressed therein.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com