Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS570LS3135 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS3135
Description  TMS570LS31x5/21x5 16- and 32-Bit RISC Flash Microcontroller
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS3135 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TMS570LS3135 Datasheet HTML 29Page - Texas Instruments TMS570LS3135 Datasheet HTML 30Page - Texas Instruments TMS570LS3135 Datasheet HTML 31Page - Texas Instruments TMS570LS3135 Datasheet HTML 32Page - Texas Instruments TMS570LS3135 Datasheet HTML 33Page - Texas Instruments TMS570LS3135 Datasheet HTML 34Page - Texas Instruments TMS570LS3135 Datasheet HTML 35Page - Texas Instruments TMS570LS3135 Datasheet HTML 36Page - Texas Instruments TMS570LS3135 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 170 page
background image
TMS570LS3135, TMS570LS2135, TMS570LS2125
www.ti.com
SPNS164C – APRIL 2012 – REVISED APRIL 2015
4.3.2.15 System Module Interface
Table 4-32. ZWT System Module Interface
TERMINAL
RESET
SIGNAL
PULL
PULL TYPE
DESCRIPTION
337
TYPE
SIGNAL NAME
STATE
ZWT
Power-on reset, cold reset
External power supply monitor
circuitry must drive nPORRST
Fixed 100 µA
low when any of the supplies
nPORRST
W7
Input
Pulldown
Pulldown
to the microcontroller fall out
of the specified range. This
terminal has a glitch filter.
See Section 6.8.
System reset, warm reset,
bidirectional.
The internal circuitry indicates
any reset condition by driving
nRST low.
The external circuitry can
assert a system reset by
Fixed 100 µA
nRST
B17
I/O
Pullup
driving nRST low. To ensure
Pullup
that an external reset is not
arbitrarily generated, TI
recommends that an external
pullup resistor is connected to
this terminal.
This terminal has a glitch
filter. See Section 6.8.
ESM Error Signal
Fixed 20 µA
nERROR
B14
I/O
Pulldown
Indicates error of high
Pulldown
severity. See Section 6.18.
4.3.2.16 Clock Inputs and Outputs
Table 4-33. ZWT Clock Inputs and Outputs
TERMINAL
RESET
SIGNAL
PULL
PULL TYPE
DESCRIPTION
337
TYPE
SIGNAL NAME
STATE
ZWT
From external
OSCIN
K1
Input
crystal/resonator, or external
clock input
N/A
None
KELVIN_GND
L2
Input
Kelvin ground for oscillator
OSCOUT
L1
Output
To external crystal/resonator
Programmable,
External prescaled clock
ECLK
A12
I/O
Pulldown
20 µA
output, or GIO.
GIOA[5]/EXTCLKIN/N2HET1_PIN_nDIS
B5
Input
External clock input #1
Fixed 20 µA
Pulldown
Pulldown
ETMTRACECLKIN/EXTCLKIN2
R9
Input
External clock input #2
1.2-V
Dedicated core supply for
VCCPLL
P11
N/A
None
Power
PLLs
Copyright © 2012–2015, Texas Instruments Incorporated
Terminal Configuration and Functions
33
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com