Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC8FS6 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # EC8FS6
Description  SURFACE MOUNT HIGH EFFICIENCY RECTIFIER DIODES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

EC8FS6 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  EC8FS6 Datasheet HTML 1Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
32
VOLTAGE RANGE: 600V
CURRENT: 0.8 A
EC8FS6
V
600
V
0.65
Ta=25
°
1
0.8
Ta=35
° C * 2
A
1.256
A
20
A
-40 to +150
°C
-40 to +150
°C
M in.
Typ
M ax.
U nit
Tj= 25
°C,
V RM = V RRM
-
-
2 0
µA
Tj= 25
°C, I FM
-
-
1.
V
I FM
µ s, Ta = 2 5 ° C
8 0
n s
trr
I F=I R=10mA , Ta= 25 ° C
-
-
0.4
µs
*1
-
-
1 5 7
Electrical Characteristics
*2
-
-
1 0 8
°C /W
Miniature Size,Surface Mount Device
Ultra-Fast Recove
Low Forward Voltage Drop
Low Power Loss, High Efficiency
High Surge Capabilit
Packaged in 12mm Tape and Reel
Assembly
Not Rolli ngDuring
RepetitivePeak Reverse Voltage
Features
R.M.S.Forward Current
Average Rectified Forward Current 50Hz Half Sine Wave Resistive Load
C *
Surge Forward Current 50Hz Half Sine Wave,Icycle,Non-repetitive
Operating Junction Temperature Range
Storage Temperature Range
Limits
= 0.8A
-di/dt= 50A/
= 1A,
S ym b ol
Characteristic
Peak Reverse Current
Peak Forward Voltage
Reverse Recovery Time
Thermal Resistance
Junction to Ambient
Maximum Ratings @ TA = 25°C unless otherwise specified
@ TA = 25°C unless otherwise specified
RRM
IO
IF(RMS)
IFSM
Tjw
Tstg
IRM
VFM
Characteristic
Symbol
Unit
!
!
!
!
!
!
!
!
!
Terminals: Solder Plated, Solderable
per MIL-STD-750, Method 2026
!
Polarity: Cathode Band or Cathode Notch
!
Marking: Type Number
!
Mechanical Data
Case: SMB/DO-214AA, Molded Plastic
Weight: 0.093 grams (approx.)
SMB(DO-214AA)
Dim
Min
Max
A
B
C
1.91
2.21
D
0.15
0.31
E
5.00
5.59
G
0.10
0.20
H
0.76
1.52
J
2.00
2.62
All Dimensions in mm
A
B
C
D
G
H
E
J
3.30
3.94
4.06
4.70
A
B
C
D
G
H
E
J
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER DIODES


Similar Part No. - EC8FS6

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
EC8FS6 NIEC-EC8FS6 Datasheet
169Kb / 5P
FRD - Low Power Loss, High Efficiency
logo
Kyocera Kinseki Corpota...
EC8FS6 KSS-EC8FS6 Datasheet
758Kb / 6P
Fast Recovery Diode
logo
National Instruments Co...
EC8FS6_2015 NI-EC8FS6_2015 Datasheet
128Kb / 1P
FRED
More results

Similar Description - EC8FS6

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SE3A GOOD-ARK-SE3A Datasheet
183Kb / 2P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
logo
Microdiode Semiconducto...
UF07A CHENDA-UF07A Datasheet
87Kb / 2P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
DHE1A CHENDA-DHE1A Datasheet
547Kb / 2P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
HFM101-M CHENDA-HFM101-M Datasheet
548Kb / 2P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
logo
SUNMATE electronic Co.,...
HFM201 SUNMATE-HFM201 Datasheet
441Kb / 2P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER DIODES
HFM301 SUNMATE-HFM301 Datasheet
365Kb / 2P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER DIODES
HFM501 SUNMATE-HFM501 Datasheet
422Kb / 2P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER DIODES
HS3AB SUNMATE-HS3AB Datasheet
450Kb / 2P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER DIODES
SOD1H1 SUNMATE-SOD1H1 Datasheet
501Kb / 2P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER DIODES
HFM101 SUNMATE-HFM101 Datasheet
355Kb / 2P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER DIODES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com