Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ER2GAF Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # ER2GAF
Description  SURFACE MOUNT SUPER FAST RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

ER2GAF Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  ER2GAF Datasheet HTML 1Page - SUNMATE electronic Co., LTD ER2GAF Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ER2JAF
ER2GAF
ER2EAF
ER2DAF
ER2CAF
ER2BAF
ER2AAF
ER2AAF - ER2JAF
CURRENT: 2.0 A
40
K/W
62
pF
200
50
A
2.0
A
= 2.0A
V
= 75°C
I
VOLTAGE RANGE: 50 - 600V
!
SURFACE MOUNT SUPER FAST RECTIFIER DIODES
Glass Passivated Die Construction
!
!
Low Forward Voltage Drop, High Efficiency
!
!
!
Plastic Case Material has UL Flammability
                            
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
150
200
300
400
600
V
RMS Reverse Voltage
VR(RMS)
35
70
105
140
210
280
420
V
Average Rectified Output Current
@TL
O
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
Forward Voltage
@IF
FM
0.95
1.25
1.7
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
5.0
µA
Reverse Recovery Time (Note 1)
trr
35
nS
Typical Junction Capacitance (Note 2)
Cj
JL
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Note: 1. Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A,
2. Measured at 1.0 MHz and applied reverse voltage of 4.0 V DC.
Features
Classification Rating 94V-O
Super-Fast Recovery Time
Low Power Loss
Ideally Suited for Automatic Assembly
Typical Thermal Resistance
R
Characteristic
Symbol
Unit
1 of 2
Maximum Ratings and Electrical Characteristics TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Case: SMAF,Molded Plastic
!
!
!
!
!
Mechanical Data
!
!
Terminals: Solder Plated, Solderable
per MIL-STD-750, Method 2026
!
!
!
Polarity:Color band denotes cathode end
Mounting Position:Any
Weight:0.0018 ounce, 0.064 grams
0.65
0.67
0.63
1.40
1.42
1.38
1.00
1.03
0.097
2.60
2.63
2.57
3.70
3.72
3.68
4.75
4.85 4.80
SMAF
A
E
L
B
C
E
H
D
0.15
0.17
0.13
E
D
A
Dim
Min
Max
Typ
B
C
H
L
All Dimensions in mm
www.sunmate.tw


Similar Part No. - ER2GAF

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
ER2GA BILIN-ER2GA Datasheet
196Kb / 2P
SURFACE MOUNT RECTIFIER
logo
Diode Semiconductor Kor...
ER2GA DSK-ER2GA Datasheet
212Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
Won-Top Electronics
ER2GA WTE-ER2GA Datasheet
52Kb / 4P
2.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
September, 2012
ER2GA-T3 WTE-ER2GA-T3 Datasheet
54Kb / 4P
2.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
ER2GA-T3 WTE-ER2GA-T3 Datasheet
52Kb / 4P
2.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
September, 2012
More results

Similar Description - ER2GAF

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
SS2A SUNMATE-SS2A Datasheet
337Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER DIODES
SS3A SUNMATE-SS3A Datasheet
339Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER DIODES
UH1B SUNMATE-UH1B Datasheet
337Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER DIODES
ER1AA SUNMATE-ER1AA Datasheet
429Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER DIODES
ER2A SUNMATE-ER2A Datasheet
335Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER DIODES
ER2AF SUNMATE-ER2AF Datasheet
318Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER DIODES
ES1AF SUNMATE-ES1AF Datasheet
336Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER DIODES
ES2AA SUNMATE-ES2AA Datasheet
364Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER DIODES
ESH2B SUNMATE-ESH2B Datasheet
352Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER DIODES
MURS205 SUNMATE-MURS205 Datasheet
388Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com