Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ER2GF Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # ER2GF
Description  SURFACE MOUNT SUPER FAST RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

ER2GF Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  ER2GF Datasheet HTML 1Page - SUNMATE electronic Co., LTD ER2GF Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES ER2AF THRU ER2JF
2 of 2
NOTE:1.Rise Time = 7ns max.
Input Impedance = 1 megohm.
22pF
2.Rise Time = 10ns max.
Source Impedance = 50 Ohms
trr
+0.5A
0
-0.25
-1.0
SET TIME
1cm
BASE FOR
50 ns/cm
2.4
2.0
1.6
1.2
0.8
0.4
0
0
20
40
60
80
100
120
140
160
SINGLE PHASE HALF
WAVE 60Hz RESISTIVE
OR INDUCTIVE LOAD
P.C.B. MOUNTED ON
0.3×0.3"(8.0×8.0mm)
COPPER PAD AREAS
LEAD TEMPERATURE, ¢J
Fig. 1-REVERSE RECOVERY TIME CHARACTERISTIC AND
TEST CIRCUIT DIAGRAM
Fig. 2-MAXIMUM AVERAGE FORWARD
CURRENT RATING
0
20
40
60
80
100
120
140
1,000
100
10
1
0.1
0.01
T
J = 100 ¢J
T
J = 75¢J
T
J = 25¢J
PERCENT OF RATED PEAK INVERSE VOLTAGE, VOLTS
50.0
10.0
1.0
0.1
0.01
0.4
0.5
0.8
1.0
1.2
1.4
1.6
1.8
TJ = 25¢J
PULSE WIDTH = 300£gs
2% DUTY CYCLE
REVERSE VOLTAGE, VOLTS
Fig. 3-TYPICAL REVERSE CHARACTERISTICS
Fig. 4-TYPICAL FORWARD CHARACTERISTICS
60
50
40
30
20
10
1
2
5
10
20
50
100
8.3ms SINGLE HALF SINE WAVE
JEDEC METHOD
NUMBER OF CYCLES AT 60Hz
60
50
40
30
20
10
.1
.5
1
2
5
10
20
50
100 200
500
1000
TJ = 25 ¢J
f = 1.0MHz
Vsig = 50mVp-p
REVERSE VOLTAGE, VOLTS
Fig. 5-MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
Fig. 6-TYPICAL JUNCTION CAPACITANCE
ER2JF
ER2AF-ER2DF
ER2EF-ER2GF
www.sunmate.tw



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com