Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ER3CF Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # ER3CF
Description  SURFACE MOUNT SUPER FAST RECOVER Y DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

ER3CF Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  ER3CF Datasheet HTML 1Page - SUNMATE electronic Co., LTD ER3CF Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ER3AF - ER3JF
ER3JF
ER3GF
ER3EF
ER3DF
ER3CF
ER3BF
ER3AF
1 of 2
VOLTAGE RANGE: 50 - 600V
SURFACE MOUNT SUPER FAST RECOVERY DIODES
!
Glass Passivated Die Construction
!
!
Low Forward Voltage Drop, High Efficiency
!
!
!
Plastic Case Material has UL Flammability
                            
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
150
200
300
400
600
V
RMS Reverse Voltage
VR(RMS)
35
70
105
140
210
280
420
V
Average Rectified Output Current
@TL = 75°C
IO
3.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
100
A
Forward Voltage
@IF = 3.0A
VFM
0.95
1.25
1.7
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
5.0
500
µA
Reverse Recovery Time (Note 1)
trr
35
nS
Typical Junction Capacitance (Note 2)
Cj
45
pF
Typical Thermal Resistance (Note 3)
RJL
16
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Note: 1. Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A. See figure 5.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0 V DC.
3. Mounted on P.C. Board with 8.0mm2 land area.
Classification Rating 94V-O
Super-Fast Recovery Time
Low Power Loss
Ideally Suited for Automatic Assembly
Features
CURRENT: 3.0 A
Maximum Ratings and Electrical Characteristics T
A = 25
°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Case:SMBF , Molded Plastic
!
!
Terminals: Solder Plated, Solderable
per MIL-STD-750, Method 2026
!
Polarity: Cathode Band or Cathode Notch
!
Marking: Type Number
!
Weight: 0.0018 ounces,0.05grams
Mechanical Data
Characteristic
Symbol
Unit
www.sunmate.tw
0.73 0.77 0.75
0.021 0.20
1.96 2.00 1.98
1.38 1.35
1.32
3.60
3.63
3.57
4.30
4.33
4.27
5.50
5.55
5.45
SMBF
A
E
L
B
C
E
H
D
E
D
A
Dim
Min
Max
Typ
B
C
H
L
All Dimensions in mm
0.019


Similar Part No. - ER3CF

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
ER3CF CHENDA-ER3CF Datasheet
1Mb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
More results

Similar Description - ER3CF

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
ER5AB SUNMATE-ER5AB Datasheet
580Kb / 2P
SURFACE MOUNT SUPER FAST RECOVER Y DIODES
ER5A SUNMATE-ER5A Datasheet
464Kb / 2P
SURFACE MOUNT SUPER FAST RECOVER Y DIODES
ER5AF SUNMATE-ER5AF Datasheet
426Kb / 2P
SURFACE MOUNT SUPER FAST RECOVER Y DIODES
ES3AA SUNMATE-ES3AA Datasheet
369Kb / 2P
SURFACE MOUNT SUPER FAST RECOVER Y DIODES
ES3AB SUNMATE-ES3AB Datasheet
365Kb / 2P
SURFACE MOUNT SUPER FAST RECOVER Y DIODES
ES3AF SUNMATE-ES3AF Datasheet
335Kb / 2P
SURFACE MOUNT SUPER FAST RECOVER Y DIODES
ES5AB SUNMATE-ES5AB Datasheet
345Kb / 2P
SURFACE MOUNT SUPER FAST RECOVER Y DIODES
ES5AF SUNMATE-ES5AF Datasheet
340Kb / 2P
SURFACE MOUNT SUPER FAST RECOVER Y DIODES
ESH3B SUNMATE-ESH3B Datasheet
499Kb / 2P
SURFACE MOUNT SUPER FAST RECOVER Y DIODES
MURS305 SUNMATE-MURS305 Datasheet
310Kb / 2P
SURFACE MOUNT SUPER FAST RECOVER Y DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com