Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ER3JB Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # ER3JB
Description  SURFACE MOUNT SUPER FAST RECOVER Y RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

ER3JB Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  ER3JB Datasheet HTML 1Page - SUNMATE electronic Co., LTD ER3JB Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.6 -- TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE.
FIG.4 -- TYPICAL JUNCTION CAPACITANCE
FIG.5 -- PEAK FORWARD SURGE CURRENT
AMBIENT TEMPERATURE,
FIG.2 -- TYPICAL FORWARD CHARACTERISTIC
FIG.3 -- FORWARD DERATING CURVE
z
FIG.1 -- TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
SET TIME BASE FOR 10 ns/cm
NOTES:1.RISE TIME = 7ns MAX.INPUT IMPEDANCE = 1M .22pF.
JJJJJ2.RISE TIME =10ns MAX.SOURCE IMPEDANCE=50
.
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
NUMBER OF CYCLES AT 60Hz
REVERSE VOLTAGE,VOLTS
trr
-1.0A
-0.25A
0
+0.5A
1cm
0.1
1.0
10
1000
20
40
100
0.01
60
80
0
100
T J = 100
120 140
T J =7 5
T J =2 5
10
N 1.
1
NONIN-
DUCTIVE
50
N 1.
(+)
25VDC
(approx)
(-)
D.U.T.
PULSE
GENERATOR
(NOTE2)
OSCILLOSCOPE
(NOTE 1)
8.3msSingleHalf
Sine-Wave
20
40
60
80
120
100
1
2
5
10
20
50
100
0
1.5
3.0
02550
75
100
125 150
Single Phase
Half Wave 60HZ
Resistive or
Inductive Load
0.375"(9.5mm)Lead length
0
175
0.5
1.0
2.0
2.5
1.0
2.0
3.0
4.0
0.4
0.
8
1.2
1.6
2.0
2.4
TJ=25
Pulse Width=300
µs
ER3JB
ER3AB - ER3DB
ER3EB -
ER3GB
TJ=25
f=1.0MHz
10
20
40
60
100
200
400
600
1000
0.1 0.2 0.4
1
2
4
10
40
100
20
2 of 2
www.sunmate.tw



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com