Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM63 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM63
Description  짹1C/짹3C Accurate Remote Diode Digital Temperature Sensor with Integrated Fan Control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM63 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button LM63 Datasheet HTML 17Page - National Semiconductor (TI) LM63 Datasheet HTML 18Page - National Semiconductor (TI) LM63 Datasheet HTML 19Page - National Semiconductor (TI) LM63 Datasheet HTML 20Page - National Semiconductor (TI) LM63 Datasheet HTML 21Page - National Semiconductor (TI) LM63 Datasheet HTML 22Page - National Semiconductor (TI) LM63 Datasheet HTML 23Page - National Semiconductor (TI) LM63 Datasheet HTML 24Page - National Semiconductor (TI) LM63 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
2.0 LM63 Registers (Continued)
Remote Diode Temperature, Offset And Setpoint Registers
ADDRESS
Hex
Read/
Write
Bits
POR
Value
Name
Description
01
Read
Only
7:0
N/A
Remote Diode
Temperature
Reading (MSB)
This is the MSB of the 2’s complement value, representing the
temperature of the remote diode connected to the LM63. Bit 7 is the sign
bit, bit 6 has a weight of 0x40 (64˚), and bit 0 has a weight of 1˚C. This
byte to be read first.
10
Read
Only
7:5
N/A
Remote Diode
Temperature
Reading (MSB)
This is the LSB of the 2’s complement value, representing the
temperature of the remote diode connected to the LM63. Bit 7 has a
weight 0.5˚C, bit 6 has a weight of 0.25˚C, and bit 5 has a weight of
0.125˚C.
4:0
00
Always 00.
11
R/W
7:5
00
Remote
Temperature
OFFSET (MSB)
These registers contain the value added to or subtracted from the
remote diode’s reading to compensate for the different non-ideality
factors of different processors, diodes, etc. The 2’s complement value, in
these registers is added to the output of the LM63’s ADC to form the
temperature reading contained in registers 01 and 10.
12
R/W
7:5
00
Remote
Temperature
OFFSET (LSB)
4:0
00
Always 00.
07 (0D)
R/W
7:0
0x46
(70˚C)
Remote HIGH
Setpoint (MSB)
High setpoint temperature for remote diode. Same format as Remote
Temperature Reading (registers 01 and 10).
13
R/W
7:5
00
Remote HIGH
Setpoint (LSB)
4:0
00
Always 00.
08 (0E)
R/W
7:0
00
(0˚C)
Remote LOW
Setpoint (MSB)
Low setpoint temperature for remote diode. Same format as Remote
Temperature Reading (registers 01 and 10).
14
R/W
7:5
00
Remote LOW
Setpoint (LSB)
4:0
00
Always 00.
19
R/W
7:0
0x55
(85˚C)
Remote Diode
T_CRIT Limit
This 8-bit integer storing the T_CRIT limit is nominally 85˚C. This value
can be changed once after power-up by setting T_CRIT Limit Override
(bit 1) in the Configuration register to a 1, then programming a new
T_CRIT value into this register. The T_CRIT Limit can not be changed
again except by cycling power to the LM63.
21
R/W
7:0
0x0A
(10˚C)
Remote Diode
T_CRIT
Hysteresis
8-bit integer storing T_CRIT hysteresis. T_CRIT stays activated until the
remote diode temperature goes below [(T_CRIT Limit) — (T_CRIT
Hysteresis)].
BF
R/W
7:3
00000
These bits are unused and should always set to 0.
2:1
00
Remote Diode
Temperature
Filter
00: Filter Disabled
01: Filter Level 1 (minimal filtering, same as 10)
10: Filter Level 1 (minimal filtering, same as 01)
11: Filter Level 2 (maximum filtering)
00
Comparator
Mode
0: the ALERT/Tach pin functions normally.
1: the ALERTTach pin behaves as a comparator, asserting itself when
an ALERT condition exists, de-asserting itself when the ALERT condition
goes away.
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com