Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES1 Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # ES1
Description  FAST RECOVER Y RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

ES1 Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  ES1 Datasheet HTML 1Page - SUNMATE electronic Co., LTD ES1 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1
0
10
5
ES1 F
10
50
20
30
ES1 Z
ES1
ES1 A
0
0.2
050
0.4
0.6
0.8
1.0
25
75
100
125
150
ES1Z
ES1
ES1A
ES1F
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
0.01
0.02
0.06
0.04
0.1
0.2
0.4
1.0
2
4
10
100
1.0
2.0
3.0
4.0
5.0
TJ=25
Pulse Width=300
µS
ES1~
ES1A
ES1F~
ES1Z
PULSE
GENERATOR
(NOTE2)
D.U.T.
1
N.1.
50
N.1.
OSCILLOSCOPE
(NOTE 1)
(+)
50VDC
(APPROX)
(-)
10
N.1.
(-)
(+ )
trr
-1.0A
-0.25A
0
+0.5A
1cm
NUMBER OF CYCLES AT60Hz
REVERSE VOLTAGE,VOLTS
SETTIMEBASEFOR50/100 ns /cm
AMBIENT TEMPERATURE,
NOTES: 1. RISETIME=7ns MAX. INPUTIMPEDANCE=1M . 22PF
FIG.1 -- REVERSE RECOVERYTIMECHARACTERISTIC AND TEST CIRCUIT DIAGRAM
FIG.2 -- FORWARDDERATING CURVE
FIG.4-- PEAK FORWARD SURGECURRENT
FIG.5-- TYPICAL JUNCTIONCAPACITANCE
2. RISETIME=10ns MAX. SOURCEIMPEDANCE=50
FIG.3 -- TYPICAL FORWARDCHARACTERISTIC
INSTANTANEOUS FORWARDCURRENT, VOLTS
.2
TJ=25
f=1MHz
1
.1
2
4
.4
1.0
2
40
10
20
60
100
4
10
20
40
100
2 of 2
www.sunmate.tw



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com