Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE2201B Datasheet(PDF) 14 Page - Texas Instruments

Part # TNETE2201B
Description  1.25-GIGABIT ETHERNET TRANSCEIVER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE2201B Datasheet(HTML) 14 Page - Texas Instruments

Back Button TNETE2201B_14 Datasheet HTML 10Page - Texas Instruments TNETE2201B_14 Datasheet HTML 11Page - Texas Instruments TNETE2201B_14 Datasheet HTML 12Page - Texas Instruments TNETE2201B_14 Datasheet HTML 13Page - Texas Instruments TNETE2201B_14 Datasheet HTML 14Page - Texas Instruments TNETE2201B_14 Datasheet HTML 15Page - Texas Instruments TNETE2201B_14 Datasheet HTML 16Page - Texas Instruments TNETE2201B_14 Datasheet HTML 17Page - Texas Instruments TNETE2201B_14 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
TNETE2201B
1.25GIGABIT ETHERNET TRANSCEIVER
SLLS367D − JUNE 1999 − REVISED AUGUST 2007
14
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Clock
50%
20%
80%
tf4
tr4
Data
50%
20%
80%
tf5
tr5
Figure 6. Receiver Data Measurement Levels
RD0 − RD9, SYNC
Valid
50%
50%
RBC1
50%
RBC0
Valid
Valid
Valid
Valid
tsu3
tsu4
tsu2
tsu5
t(skew)
50%
Figure 7. Receiver Interface Timing Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com