Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE2201BPJDR Datasheet(PDF) 10 Page - Texas Instruments

Part # TNETE2201BPJDR
Description  1.25-GIGABIT ETHERNET TRANSCEIVER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE2201BPJDR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TNETE2201BPJDR Datasheet HTML 6Page - Texas Instruments TNETE2201BPJDR Datasheet HTML 7Page - Texas Instruments TNETE2201BPJDR Datasheet HTML 8Page - Texas Instruments TNETE2201BPJDR Datasheet HTML 9Page - Texas Instruments TNETE2201BPJDR Datasheet HTML 10Page - Texas Instruments TNETE2201BPJDR Datasheet HTML 11Page - Texas Instruments TNETE2201BPJDR Datasheet HTML 12Page - Texas Instruments TNETE2201BPJDR Datasheet HTML 13Page - Texas Instruments TNETE2201BPJDR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
TNETE2201B
1.25GIGABIT ETHERNET TRANSCEIVER
SLLS367D − JUNE 1999 − REVISED AUGUST 2007
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating conditions (unless otherwise noted)
TTL Signals: TD0 .. TD9, REFCLK, LOOPEN, SYNCEN, SYNC, RD0 .. RD9, RBC0, RBC1, LCKREFN
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
VCC = MIN,
IOH = − 400 µA
2.4
3
V
VOL
Low-level output voltage
VCC = MIN,
IOL = 1 mA
0.25
0.4
V
VIH
High-level input voltage
2
5.5
V
VIL
Low-level input voltage
0.8
V
IIH
High-level input current
VCC = MAX,
VI = 2.4 V
40
µA
IIH
High-level input current
REFCLK
VCC = MAX,
VI = 2.4 V
900
µA
IIL
Low-level input current
VCC = MAX,
VI = 0.4 V
−40
µA
IIL
Low-level input current
REFCLK
VCC = MAX,
VI = 0.4 V
−900
µA
ci
Input capacitance
4
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com