Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE2201BPJDRG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # TNETE2201BPJDRG4
Description  1.25-GIGABIT ETHERNET TRANSCEIVER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE2201BPJDRG4 Datasheet(HTML) 3 Page - Texas Instruments

  TNETE2201BPJDRG4 Datasheet HTML 1Page - Texas Instruments TNETE2201BPJDRG4 Datasheet HTML 2Page - Texas Instruments TNETE2201BPJDRG4 Datasheet HTML 3Page - Texas Instruments TNETE2201BPJDRG4 Datasheet HTML 4Page - Texas Instruments TNETE2201BPJDRG4 Datasheet HTML 5Page - Texas Instruments TNETE2201BPJDRG4 Datasheet HTML 6Page - Texas Instruments TNETE2201BPJDRG4 Datasheet HTML 7Page - Texas Instruments TNETE2201BPJDRG4 Datasheet HTML 8Page - Texas Instruments TNETE2201BPJDRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
TNETE2201B
1.25GIGABIT ETHERNET TRANSCEIVER
SLLS367D − JUNE 1999 − REVISED AUGUST 2007
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
functional block diagram
LOOPEN
TD0 − TD9
10-Bit
Register
10
/
10
/
Shift
Register
REFCLK
Clock
Multiplier
2:1
MUX
Synchronous
Detect
SYNCEN
SYNC
RD0 − RD9
10-Bit
Register
10
/
10
/
Shift
Register
PLL Clock
Recovery and
Data Retiming
÷ 2
125 MHz
125 MHz
62.5 MHz
62.5 MHz
RBC0
RBC1
RX+
RX−
TX+
TX−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com