Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE2201BPJW Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TNETE2201BPJW
Description  1.25-GIGABIT ETHERNET TRANSCEIVER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE2201BPJW Datasheet(HTML) 11 Page - Texas Instruments

Back Button TNETE2201BPJW Datasheet HTML 7Page - Texas Instruments TNETE2201BPJW Datasheet HTML 8Page - Texas Instruments TNETE2201BPJW Datasheet HTML 9Page - Texas Instruments TNETE2201BPJW Datasheet HTML 10Page - Texas Instruments TNETE2201BPJW Datasheet HTML 11Page - Texas Instruments TNETE2201BPJW Datasheet HTML 12Page - Texas Instruments TNETE2201BPJW Datasheet HTML 13Page - Texas Instruments TNETE2201BPJW Datasheet HTML 14Page - Texas Instruments TNETE2201BPJW Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
TNETE2201B
1.25GIGABIT ETHERNET TRANSCEIVER
SLLS367D − JUNE 1999 − REVISED AUGUST 2007
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TRANSMITTER SECTION
differential electrical characteristics over recommended operating conditions (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VODP Driver differential output voltage (peak) (TXP − TXN)
RL = 75 Ω,
See Figure 3
550
1100
mV
VODP Driver differential output voltage (peak) (TXP − TXN)
RL = 50 Ω,
See Figure 3
550
1100
mV
VOC
Driver common-mode output voltage
RL = 75 Ω
2100
mV
differential switching characteristics over recommended operating conditions (unless otherwise
noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Serial data deterministic jitter (peak-to-peak)
Differential output jitter
80
ps
Serial data total jitter (peak-to-peak)
Differential output jitter
192
ps
tr3
Differential signal rise time (20% to 80%)
RL = 75 Ω,
See Figure 3
CL = 5 pF,
300
ps
tf3
Differential signal fall time (20% to 80%)
RL = 75 ,
See Figure 3
CL = 5 pF,
300
ps
50%
20%
80%
≈VCC − 0.7 V
≈VCC − 1.6 V
tf
tr
TX+
50%
20%
80%
≈VCC − 0.7 V
≈VCC − 1.6 V
tr
tf
TX−
20%
80%
tf3
tr3
VOD
|VOD|P
0 V
Figure 3. Differential and Common-Mode Output Voltage Definitions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com