Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES3F Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # ES3F
Description  SURFACE MOUNT FAST EFFICIENT PLASTIC RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

ES3F Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  ES3F Datasheet HTML 1Page - SUNMATE electronic Co., LTD ES3F Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 of 2
ES3F
VOLTAGE RANGE: 300V
Case: SMC(DO-214AB), Molded Plastic
CURRENT: 3.0 A
RRM
RWM
RMS
DC
Maximum average forward rectified current at TL
(AV)
Peak forward surge current
FSM
rated load (JEDEC Method) at TL=100°C
F
1.10
Volts
Maximum DC reverse current
TA
at working peak reverse voltage
TA=100°C
IR
350
µA
Maximum reverse recovery time (NOTE 1)
trr
35
ns
Maximum reverse recovery time (NOTE 2)
trr
50
ns
Maximum reverse recovery current (NOTE 2)
IRM
3.0
Amps
Maximum stored charge (NOTE 2)
Qrr
50
ns
Typical junction capacitance (NOTE 3)
CJ
30
pF
Typical thermal resistance (NOTE 4)
R
ΘJA
50
R
ΘJL
15
°C/W
J, TSTG
-55 to +150
°C
NOTES:
(1) Reverse recovery test conditions: IF=0.5A, IR=1.0A, Irr=0.25A
(2) Measured at IF=1.0A, di/dt=100A/
µs, VR=30V, Irr=0.1IRM
(3) Measured at 1.0 MHZ and applied reverse voltage of 4.0 Volts
(4) Units mounted on P.C.B. with 0.31 x 0.31” (8.0 x 8.0mm) copper pad areas
Maximum Ratings and Electrical Characteristics TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
For surface mount applications
Low profile package
Easy pick and place
Glass passivated chip junction
Superfast recovery times for high efficiency
Low power loss, high efficiency
High temperature soldering:
250°C/10 seconds at terminals
Features
!
!
!
!
!
!
!
SURFACE MOUNT FAST EFFICIENT PLASTIC RECTIFIER DIODES
Mechanical Data
Terminals: Solderable per MIL-STD-202,
Method 208
Polarity: Cathode Band
Approx. Weight: 0.21 grams
Mounting Position: Any
!
!
!
!
!
300
Volts
225
Volts
210
Volts
300
Volts
ES3F
Characteristic
Maximum repetitive peak reverse voltage
V
Working peak reverse voltage
V
Maximum RMS voltage
V
Maximum DC blocking voltage
V
=100°C
I
8.3ms single half sine-wave superimposed on
I
Maximum instantaneous forward voltage at 3.0A
V
=25°C
10.0
Operating junction and storage temperature range
T
Symbol
Unit
3.0
Amps
100
Amps
Dim
Min
Max
A
5.59
6.22
B
6.60
7.11
C
2.75
3.18
D
0.15
0.31
E
7.75
8.13
G
0.10
0.20
H
0.76
1.52
J
2.00
2.62
All Dimensions in mm
A
B
C
D
G
H
E
J
SMC/DO-214AB
www.sunmate.tw


Similar Part No. - ES3F

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
ES3F GE-ES3F Datasheet
74Kb / 2P
SURFACE MOUNT ULTRAFAST EFFICIENT PLASTIC RECTIFIER
logo
Taiwan Semiconductor Co...
ES3F TSC-ES3F Datasheet
56Kb / 2P
3.0 AMPS. Super Fast Surface Mount Rectifiers
ES3F TSC-ES3F Datasheet
273Kb / 2P
3.0 AMPS. Surface Mount Super Fast Rectifiers
logo
GOOD-ARK Electronics
ES3F GOOD-ARK-ES3F Datasheet
174Kb / 2P
Super Fast Surface Mount Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 3.0 Amperes
logo
Vishay Siliconix
ES3F VISHAY-ES3F Datasheet
108Kb / 5P
Surface Mount Ultrafast Plastic Rectifier
20-Nov-07
More results

Similar Description - ES3F

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
ES2A GE-ES2A Datasheet
100Kb / 2P
SURFACE MOUNT FAST EFFICIENT PLASTIC RECTIFIER
ES2F GE-ES2F Datasheet
81Kb / 2P
SURFACE MOUNT FAST EFFICIENT PLASTIC RECTIFIER
ES3F GE-ES3F Datasheet
74Kb / 2P
SURFACE MOUNT ULTRAFAST EFFICIENT PLASTIC RECTIFIER
logo
Diotec Semiconductor
ES1A DIOTEC-ES1A Datasheet
102Kb / 2P
Superfast Efficient Surface Mount Rectifier Diodes
ES1A DIOTEC-ES1A_13 Datasheet
108Kb / 2P
Superfast Efficient Surface Mount Rectifier Diodes
ES1A DIOTEC-ES1A_14 Datasheet
108Kb / 2P
Superfast Efficient Surface Mount Rectifier Diodes
ES2A DIOTEC-ES2A_13 Datasheet
102Kb / 2P
Superfast Efficient Surface Mount Rectifier Diodes
MURS320 DIOTEC-MURS320 Datasheet
125Kb / 2P
Superfast Efficient Surface Mount Rectifier Diodes
ES2ASMA DIOTEC-ES2ASMA Datasheet
105Kb / 2P
Superfast Efficient Surface Mount Rectifier Diodes
logo
SUNMATE electronic Co.,...
ES2F SUNMATE-ES2F Datasheet
370Kb / 2P
SURFACE MOUNT FAST EFFICIENT PLASTIC RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com