Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF02 Datasheet(PDF) 2 Page - Formosa MS

Part # DF02
Description  Bridge Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

DF02 Datasheet(HTML) 2 Page - Formosa MS

  DF02 Datasheet HTML 1Page - Formosa MS DF02 Datasheet HTML 2Page - Formosa MS DF02 Datasheet HTML 3Page - Formosa MS DF02 Datasheet HTML 4Page - Formosa MS DF02 Datasheet HTML 5Page - Formosa MS DF02 Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Features
Surge overload ratings to 30 amperes peak.
Recommended for non-automatic applications.
Ideal for & save space on printed circuit board.
Applicable for automatic insertion.
Reliable low cost construction utilizing molded plastic
technology results in inexpensive product.
Glass passivated chip junctions.
Lead-free parts meet RoHS requirments.
UL recognized file # E321971
Suffix "-H" indicates Halogen free parts, ex. DF005-H.
Mechanical data
Epoxy:UL94-V0 rated flame retardant
Case : Molded plastic, DF
Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
Polarity : marked on body
Mounting Position : Any
Weight : Approximated 0.38 gram
Package outline
Page 2
Dimensions in inches and (millimeters)
DF
Bridge Rectifier
Formosa MS
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
DF005 THRU DF10
Document ID
Issued Date
Revised Date
Revision
Page.
DF005
DF01
DF02
50
100
200
35
70
140
SYMBOLS
V
RRM
(V)
V
RMS
V
R
(V)
(V)
*1
*2
*3
V
F
(V)
*4
DF04
DF06
400
600
280
420
-55 to +150
DF08
DF10
800
1000
560
700
50
100
200
400
600
800
1000
1.10
O
( C)
Operating
temperature
T ,
J
*1 Repetitive peak reverse voltage
*2 RMS voltage
*3 Continuous reverse voltage
*4 Maximum forward voltage@IF=1.0A
1.0A Glass Passivated
Single-PhaseBridge
Rectifiers-50-1000V
PARAMETER
CONDITIONS
Forward rectified current
Forward surge current
Reverse current
Typical thermal resistance
See Fig.1
8.3ms single half sine-wave superimposed on
rate load (JEDEC methode)
Symbol
MIN.
TYP.
MAX.
UNIT
I
O
I
FSM
I
R
R
θJA
A
A
uA
OC/W
1.0
30
10
40
O
V
= V
T = 25 C
R
RRM
J
O
V
= V
T = 125 C
R
RRM
J
500
Typical Junction Capacitance
Per Element
C
J
pF
25
2
I t Rating for Fusing
2
I t
2
A s
3.74
Storage temperature
T
STG
OC
+175
-65
Maximum ratings and Electrical Characteristics (AT T =25
A
oC unless otherwise noted)
Junction to ambient mounted on P.C.B
with 0.5*0.5"(13*13mm) copper pads.
Measured at 1.0MHz and applied reverse voltage
of 4.0V DC
t<8.3ms
DS-242134
2009/02/10
2013/06/10
C
6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com