Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMBT2907AW Datasheet(PDF) 9 Page - Formosa MS

Part # FMBT2907AW
Description  PNP SMD Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

FMBT2907AW Datasheet(HTML) 9 Page - Formosa MS

  FMBT2907AW Datasheet HTML 1Page - Formosa MS FMBT2907AW Datasheet HTML 2Page - Formosa MS FMBT2907AW Datasheet HTML 3Page - Formosa MS FMBT2907AW Datasheet HTML 4Page - Formosa MS FMBT2907AW Datasheet HTML 5Page - Formosa MS FMBT2907AW Datasheet HTML 6Page - Formosa MS FMBT2907AW Datasheet HTML 7Page - Formosa MS FMBT2907AW Datasheet HTML 8Page - Formosa MS FMBT2907AW Datasheet HTML 9Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Page 9
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Formosa MS
Document ID
Issued Date
Revised Date
Revision
Page.
FMBT2907AW
High reliability test capabilities
1.
2.
3.
4.
5.
6.
7.
8.
Steady State Operating Life
High Temperature Reverse Bias
Temperature Cycle
Autoclave
High Temperature Storage Life
Solderability
High Temperature High Humidity
Resistance to Soldering Heat
Reverse
Bias
P =150mW Test Duration:1000hrs
Tj 150
V
80
related volage 1000hrs
55
15min
to 150
15min Air to Air Transition Time 20sec Test Cycles 1000cycle
P 2atm Ta 121
RH 100
Test Duration 96hrs
150
Test Duration 1000hrs
245
5sec
Ta 85
85 RH
V
80
related volage 1000hrs
260
10sec
D
CE
CE
=,
=
%
,
-(
)
(
)
<
:
==
=
%
:
:
=,
%
,
=
%
,
℃
℃℃
℃
℃
℃
℃
℃
Ta
=
,
,
Item Test
Conditions
DS-231134
2009/08/10
2010/03/10
B
9
PNP SMD Transistor



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com