Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMBT3946DW Datasheet(PDF) 9 Page - Formosa MS

Part # FMBT3946DW
Description  Dual NPN PNP SMD Transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

FMBT3946DW Datasheet(HTML) 9 Page - Formosa MS

Back Button FMBT3946DW Datasheet HTML 5Page - Formosa MS FMBT3946DW Datasheet HTML 6Page - Formosa MS FMBT3946DW Datasheet HTML 7Page - Formosa MS FMBT3946DW Datasheet HTML 8Page - Formosa MS FMBT3946DW Datasheet HTML 9Page - Formosa MS FMBT3946DW Datasheet HTML 10Page - Formosa MS FMBT3946DW Datasheet HTML 11Page - Formosa MS FMBT3946DW Datasheet HTML 12Page - Formosa MS FMBT3946DW Datasheet HTML 13Page - Formosa MS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Page 9
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Rating and characteristic curves (PNP)
TYPICAL AUDIO SMALL-SIGNAL CHARACTERISTICS NOISE FIGURE
VARIATIONS (VCE=-5.0Vdc, T =25°C, Bandwidth=1.0Hz)
A
Document ID
Issued Date
Revised Date
Revision
Page.
Formosa MS
DS-231156
2010/01/10
2010/06/10
B
14
uA
uA
uA
uA
Dual NPN +PNP
Transistor
SMD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com