Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMBTA55 Datasheet(PDF) 3 Page - Formosa MS

Part # FMBTA55
Description  Driver Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

FMBTA55 Datasheet(HTML) 3 Page - Formosa MS

  FMBTA55 Datasheet HTML 1Page - Formosa MS FMBTA55 Datasheet HTML 2Page - Formosa MS FMBTA55 Datasheet HTML 3Page - Formosa MS FMBTA55 Datasheet HTML 4Page - Formosa MS FMBTA55 Datasheet HTML 5Page - Formosa MS FMBTA55 Datasheet HTML 6Page - Formosa MS FMBTA55 Datasheet HTML 7Page - Formosa MS FMBTA55 Datasheet HTML 8Page - Formosa MS FMBTA55 Datasheet HTML 9Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
PARAMETER
Collector-Base breakdown voltage
FMBTA55
FMBTA56
CONDITIONS
SYMBOL
V
(BR)CBO
Min.
-60
-80
UNIT
Vdc
Vdc
Electrical
o
Characteristics (AT T =25 C unless otherwise noted)
A
Off Characteristics
I = -100µAdc, I = 0
c
E
PARAMETER
DC current gain
CONDITIONS
SYMBOL
h
FE
100
UNIT
Vdc
On Characteristics
I = -10mAdc, V
= -1.0Vdc
c
CE
I = -100mAdc, V
= -1.0Vdc
c
CE
Collector-Emitter saturation voltage
Base-Emitter saturation voltage
I = -100mAdc, I = -10mAdc
c
B
Vdc
V
CE(sat)
V
BE(on)
Page 3
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Max.
Collector Cutoff current
FMBTA55
FMBTA56
V
= -60Vdc, I = 0
CB
E
V
= -80Vdc, I = 0
CB
E
-0.1
-4.0
I
CBO
µAdc
Formosa MS
Collector-Emitter
voltage(3)
breakdown
FMBTA55
FMBTA56
I = -1.0mAdc, I = 0
c
B
V
CEO
(BR)
-60
-80
Emitter-Base
voltage
breakdown
V
EBO
(BR)
I = -100µAdc, I = 0
E
C
Vdc
µAdc
Min.
Max.
100
Collector Cutoff Current
V =-60Vdc, IB=0
CE
I
CES
-0.1
-0.1
-0.25
I = -100mAdc, V
= -1.0Vdc
c
CE
-1.2
-
Small Signal Characteristics
PARAMETER
Current Gain Bandwidth Product (4)
CONDITIONS
SYMBOL
f
T
UNIT
I = -100mA, V
= -1.0Vdc,
c
CE
f=100MHz
Min.
Max.
50
MHz
Document ID
Issued Date
Revised Date
Revision
Page.
FMBTA55 / FMBTA56
Driver Transistor
3. Pulse test: pulse width <=300µs, duty cycle<=2.0%
4. fT is defined as the frequency at which |hfe| extrapolates to unity.
-
-
-
-
-
-
-
-
-
-
-
-
-
DS-231164
2010/11/05
2011/07/21
B
9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com