Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6503 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6503
Description  Wideband, Low Power, Linear Variable Gain Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6503 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button LMH6503 Datasheet HTML 12Page - National Semiconductor (TI) LMH6503 Datasheet HTML 13Page - National Semiconductor (TI) LMH6503 Datasheet HTML 14Page - National Semiconductor (TI) LMH6503 Datasheet HTML 15Page - National Semiconductor (TI) LMH6503 Datasheet HTML 16Page - National Semiconductor (TI) LMH6503 Datasheet HTML 17Page - National Semiconductor (TI) LMH6503 Datasheet HTML 18Page - National Semiconductor (TI) LMH6503 Datasheet HTML 19Page - National Semiconductor (TI) LMH6503 Datasheet HTML 20Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Application Circuits
FOUR-QUADRANT MULTIPLIER
Applications requiring multiplication, squaring or other non-
linear functions can be implemented with four-quadrant mul-
tipliers. The LMH6503 implements a four-quadrant multiplier
as illustrated in Figure 11:
FREQUENCY SHAPING
Frequency
shaping
and
bandwidth
extension
of
the
LMH6503 can be accomplished using parallel networks con-
nected across the R
G ports. The network shown in the
Figure 12 schematic will effectively extend the LMH6503’s
bandwidth.
2
nd ORDER TUNABLE BANDPASS FILTER
The LMH6503 Variable-Gain Amplifier placed into a feed-
back loop provides signal processing function such as in a
2nd order tunable bandpass filter. The center frequency of
the 2nd order bandpass shown in Figure 13 is adjusted
through the use of the LMH6503’s gain control voltage, V
G.
The integrators implemented with two sections of a
LMH6682, provide the coefficients for the transfer function.
20073958
FIGURE 11. Four Quadrant Multiplier
20073959
FIGURE 12. Frequency Shaping
20073960
20073961
FIGURE 13. Tunable Bandpass Filter
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com